Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX208 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX208
Description  ISDN Dual Telephony Protocol Engine
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX208 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX208 Datasheet HTML 13Page - CML Microcircuits CMX208 Datasheet HTML 14Page - CML Microcircuits CMX208 Datasheet HTML 15Page - CML Microcircuits CMX208 Datasheet HTML 16Page - CML Microcircuits CMX208 Datasheet HTML 17Page - CML Microcircuits CMX208 Datasheet HTML 18Page - CML Microcircuits CMX208 Datasheet HTML 19Page - CML Microcircuits CMX208 Datasheet HTML 20Page - CML Microcircuits CMX208 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ISDN Dual Telephony Protocol Engine
CMX208
© 1999 Consumer Microcircuits Limited
17
D/208/1
© 1999 Chiron Technology Limited
1.5.6
Application Programmer's Interface
Details of this will be supplied to customers under a Non-Disclosure Agreement.
The following Memory Map indicates the main code areas used on the CMX208:
Function
Start Hex Address
End Hex Address
Code Space
000 000
01F FFF
External RAM
020 000
03F FFF
API area
0C0 000
0EF FFF
AMD79C30
ISDN Interface Chip
0F0 000
0F0 0FF
PSB21525
HDLC Driver Chip
0F0 100
0F0 1FF
Reserved
0F0 200
0FF FFF
1.5.7
Hardware Description
1.5.7.1 LED Status Indicators (LED1 to LED9, and ILFI)
LED1 (HK1) is low when analogue port 1 is off-hook, high when on-hook.
LED2 (HK2) is low when analogue port 2 is off-hook, high when on-hook.
LED4 (CN2) is high when analogue port 2 is connected to the ISDN network, low when not connected.
LED8 (AR) is pulsed high and low until the ISDN line is activated, when it remains low constantly.
LED9 (CN1) is high when analogue port 1 is connected to the ISDN network, low when not connected.
ILFI is high when an ISDN Link Failure is Indicated, low when the link is operational.
The functions of the LED and ILFI indicators are set out in the table below:
Pin No.
Designation
POTS port 1
POTS port 2
12
LED1
Off-Hook
~
13
LED2
~
Off-Hook
15
LED4
~
Call Connected
19
LED8
ISDN Line Activated
ISDN Line Activated
21
LED9
Call Connected
~
54
ILFI
ISDN Line Failure
Indicator
ISDN Line Failure
Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com