Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2142A Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2142A
Description  0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2142A Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2142A Datasheet HTML 9Page - Diodes Incorporated AP2142A Datasheet HTML 10Page - Diodes Incorporated AP2142A Datasheet HTML 11Page - Diodes Incorporated AP2142A Datasheet HTML 12Page - Diodes Incorporated AP2142A Datasheet HTML 13Page - Diodes Incorporated AP2142A Datasheet HTML 14Page - Diodes Incorporated AP2142A Datasheet HTML 15Page - Diodes Incorporated AP2142A Datasheet HTML 16Page - Diodes Incorporated AP2142A Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP2142A/AP2152A
0.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2142A/2152A
Document number: DS32191 Rev. 2 - 2
13 of 17
www.diodes.com
October 2010
© Diodes Incorporated
Ordering Information
AP 21 X 2 A XX G - X
4 : Active Low
5 : Active High
G : Green
7/13 : Tape & Reel
2 : 2 Channel
Channel
Green
Package
Enable
Packing
S : SO-8
MP : MSOP-8-EP
FGE : DFN3030E-8
Device
Package
Code
Packaging
(Note 7)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP21X2ASG-13
S
SO-8
2500/Tape & Reel
-13
AP21X2AMPG-13
MP
MSOP-8-EP
2500/Tape & Reel
-13
AP21X2AFGEG-7
FGE
DFN3030E-8
3000/Tape & Reel
-7
Notes:
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1) SO-8
AP21X X A
( Top view )
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
87
65
1
2
34
4 : Active Low
5 : Active High
2 : 2 Channel
represents 52 and 53 week
(2) MSOP-8-EP
AP21X X A
( Top view )
Y W X E
Part Number
Logo
87
6
5
1
23
4
4 : Active Low
5 : Active High
Y : Year : 0~9
A~Z : Green
2 : 2 Channel
A~Z : 27~52 week; Z represents
W : Week : a~z : 1~26 week;
52 and 53 week
MSOP-8-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com