Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2152A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2152A
Description  0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2152A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2152A Datasheet HTML 1Page - Diodes Incorporated AP2152A Datasheet HTML 2Page - Diodes Incorporated AP2152A Datasheet HTML 3Page - Diodes Incorporated AP2152A Datasheet HTML 4Page - Diodes Incorporated AP2152A Datasheet HTML 5Page - Diodes Incorporated AP2152A Datasheet HTML 6Page - Diodes Incorporated AP2152A Datasheet HTML 7Page - Diodes Incorporated AP2152A Datasheet HTML 8Page - Diodes Incorporated AP2152A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP2142A/AP2152A
0.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2142A/2152A
Document number: DS32191 Rev. 2 - 2
2 of 17
www.diodes.com
October 2010
© Diodes Incorporated
Typical Application Circuit
 
1uF
IN
GND
EN 2
OUT 1
ON
4.7uF*
Power Supply
2.7V to 5 .5 V
1uF
OFF
FLG 1
Load
10 k
10 k
FLG 2
EN 1
OUT 2
4.7uF*
1uF
Load
AP 2152 A Enable Active High
Note: * USB 2.0 requires 120uF per hub
Available Options
Part Number
Channel
Enable pin (EN)
Current limit
(typical)
Recommended maximum
continuous load current
AP2142A
2
Active Low
0.7A
0.5A
AP2152A
2
Active High
0.7A
0.5A
Pin Descriptions
Pin Name
Pin Number
Descriptions
GND
1
Ground
IN
2
Voltage input pin
EN1
3
Switch 1 enable input, active low (AP2142A) or active high (AP2152A)
EN2
4
Switch 2 enable input, active low (AP2142A) or active high (AP2152A)
FLG2
5
Switch 2 over-current and over-temperature fault report; open-drain flag is active
low when triggered
OUT2
6
Switch 2 voltage output pin
OUT1
7
Switch 1 voltage output pin
FLG1
8
Switch 1 over-current and over-temperature fault report; open-drain flag is active
low when triggered
Exposed Pad
-
Internally connected to GND; recommend connecting to the GND externally for
improved power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com