Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1621 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1621
Description  Audio Power Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1621 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1621 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1621 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1621 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1621
2007-11-01
1
TOSHIBA Transistor
Silicon PNP Epitaxial Type (PCT process)
2SA1621
Audio Power Amplifier Applications
High hFE: hFE = 100~320
• Complementary to 2SC4210
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−35
V
Collector-emitter voltage
VCEO
−30
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−800
mA
Base current
IB
−160
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −35 V, IE = 0
⎯
⎯
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
⎯
⎯
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−30
⎯
⎯
V
hFE (1)
(Note)
VCE = −1 V, IC = −100 mA
100
⎯
320
DC current gain
hFE (2)
VCE = −1 V, IC = −700 mA
35
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = −500 mA, IB = −20 mA
⎯
⎯
−0.7
V
Base-emitter voltage
VBE
VCE = −1 V, IC = −10 mA
−0.5
⎯
−0.8
V
Transition frequency
fT
VCE = −5 V, IC = −10 mA
⎯
120
⎯
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
19
⎯
pF
Note: hFE (1) classification O: 100~200, Y: 160~320
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SA1621

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1621 TOSHIBA-2SA1621 Datasheet
140Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
logo
Foshan Blue Rocket Elec...
2SA1621 FOSHAN-2SA1621 Datasheet
684Kb / 6P
Silicon PNP transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SA1621

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2328A FAIRCHILD-KSC2328A Datasheet
40Kb / 4P
Audio Power Amplifier Applications
KSC2316 FAIRCHILD-KSC2316 Datasheet
43Kb / 4P
Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SA950 TOSHIBA-2SA950_07 Datasheet
304Kb / 3P
Audio Power Amplifier Applications
2SA966 TOSHIBA-2SA966_07 Datasheet
120Kb / 4P
Audio Power Amplifier Applications
2SA1356 TOSHIBA-2SA1356_06 Datasheet
136Kb / 4P
Audio Power Amplifier Applications
2SA1426 TOSHIBA-2SA1426_09 Datasheet
139Kb / 4P
Audio Power Amplifier Applications
2SC3666 TOSHIBA-2SC3666_04 Datasheet
120Kb / 3P
Audio Power Amplifier Applications
2SC4210 TOSHIBA-2SC4210_03 Datasheet
85Kb / 3P
Audio Power Amplifier Applications
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SC2120-O TOSHIBA-2SC2120-O Datasheet
144Kb / 3P
Audio Power Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com