Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2145 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2145
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2145 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2145 Datasheet HTML 5Page - Diodes Incorporated AP2145 Datasheet HTML 6Page - Diodes Incorporated AP2145 Datasheet HTML 7Page - Diodes Incorporated AP2145 Datasheet HTML 8Page - Diodes Incorporated AP2145 Datasheet HTML 9Page - Diodes Incorporated AP2145 Datasheet HTML 10Page - Diodes Incorporated AP2145 Datasheet HTML 11Page - Diodes Incorporated AP2145 Datasheet HTML 12Page - Diodes Incorporated AP2145 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP2145/AP2155
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2145/AP2155
Document number: DS32031 Rev. 2 - 2
10 of 13
www.diodes.com
September 2010
© Diodes Incorporated
Application Note (Continued)
Under-voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) keeps the internal
power switch from being turned on until the power supply
has reached at least 1.9V, even if the switch is enabled.
Whenever the input voltage falls below approximately
1.9V, the power switch is quickly turned off. This facilitates
the design of hot-insertion systems where it is not possible
to turn off the power switch before input power is removed.
Generic Hot-Plug Applications
In many applications it may be necessary to remove
modules or pc boards while the main unit is still operating.
These
are
considered
hot-plug
applications.
Such
implementations require the control of current surges seen
by the main power supply and the card being inserted. The
most effective way to control these surges is to limit and
slowly ramp the current and voltage being applied to the
card, similar to the way in which a power supply normally
turns on. Due to the controlled rise times and fall times of
the AP2145/AP2155, these devices can be used to
provide a softer start-up to devices being hot-plugged
into a powered system. The UVLO feature of the
AP2145/AP2155 also ensures that the switch is off after
the card has been removed, and that the switch is off
during the next insertion.
By placing the AP2145/AP2155 between the VCC input
and the rest of the circuitry, the input power reaches
these devices first after insertion. The typical rise time of
the switch is approximately 1ms, providing a slow voltage
ramp at the output of the device. This implementation
controls
system
surge
current
and
provides
a
hot-plugging mechanism for any device.
Ordering Information
 
AP 21 X 5 XX G -13
4 : Active Low
5 : Active High
G : Green
13 : Tape & Reel
5 : 1 Channel
Channel
Green
Package
Enable
Packing
S : SO-8
MP : MSOP-8EP
Device
Package
Code
Packaging
(Note 5)
13” Tape and Reel
Quantity
Part Number Suffix
AP21X5SG-13
S
SO-8
2500/Tape & Reel
-13
AP21X5MPG-13
MP
MSOP-8EP
2500/Tape & Reel
-13
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com