Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX218 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX218
Description  ISDN Data/Telephony Protocol Engine
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX218 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX218 Datasheet HTML 17Page - CML Microcircuits CMX218 Datasheet HTML 18Page - CML Microcircuits CMX218 Datasheet HTML 19Page - CML Microcircuits CMX218 Datasheet HTML 20Page - CML Microcircuits CMX218 Datasheet HTML 21Page - CML Microcircuits CMX218 Datasheet HTML 22Page - CML Microcircuits CMX218 Datasheet HTML 23Page - CML Microcircuits CMX218 Datasheet HTML 24Page - CML Microcircuits CMX218 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ISDN Data and Telephony Protocol Engine (no X.25)
CMX218
© 1999 Consumer Microcircuits Limited
21
D/218/1
© 1999 Chiron Technology Limited
&F (Load Factory Profile)
Format: AT&F<CR>
Sets the following commands and registers to their default values.
It does not change the %A, !C registers or the &Z command.
Commands:
E
Q
V
X
&C
&D
&K
Registers:
S0
S37
%E
Format: AT&F9<CR>
Sets all commands and registers to the default values and resets LED indicator and RS232 interface
pins accordingly.
&K (Flow Control)
Format: AT&Kn<CR>
Indicates the method of flow control to be used between the CMX218 and the DTE when in the data
state. There is no flow control when the CMX218 is in the command state.
Suffix n
Description
0
No flow control
3 (default)
Bi-directional RTS/CTS signals
Flow control is only active when in an active data call, ie not when dealing with Hayes commands.
Flow control is applied to the DTE in the following situations:
(i) The remote end signals flow control (the mechanism is protocol dependent).
(ii) Several buffers of data are held waiting transmission across ISDN.
Flow control is applied to the remote end (the mechanism is protocol dependent) if excessive data is
held pending transmission to the DTE, so as to prevent local buffer overflow.
&V (View Active/Stored Profiles)
Format: AT&V<CR>
Causes the CMX218 to display the following command and register values for the stored profile:
Commands:
E
Q
V
X
&C
&D
&K
&Z
Registers:
S0
S37
%A
!C
%E
&Z (Store Directory Number)
Format: AT&Z3={DN}<CR>
This command instructs the CMX218 to store a directory number. This command is still valid even
though the CMX218 cannot make use of the stored directory number.
A directory number consists of a string of characters from the set 0..9, S and
##. The ‘=‘ character can
be omitted. Where a store number is entered, only the value 3 will give an ‘OK’ response. The
contents of the &Z directory number are displayed by using the &V0 command. Up to 20 digits can be
saved. The number must be in quotes. eg at&z3 =’12345’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com