Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2192A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2192A
Description  1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2192A Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2192A Datasheet HTML 1Page - Diodes Incorporated AP2192A Datasheet HTML 2Page - Diodes Incorporated AP2192A Datasheet HTML 3Page - Diodes Incorporated AP2192A Datasheet HTML 4Page - Diodes Incorporated AP2192A Datasheet HTML 5Page - Diodes Incorporated AP2192A Datasheet HTML 6Page - Diodes Incorporated AP2192A Datasheet HTML 7Page - Diodes Incorporated AP2192A Datasheet HTML 8Page - Diodes Incorporated AP2192A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP2182A/AP2192A
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2182A/2192A
Document number: DS32193 Rev. 2 - 2
3 of 17
www.diodes.com
October 2010
© Diodes Incorporated
Functional Block Diagram
Th e rm a l
S ense
Drive r
FL G 2
OU T 2
GN D
IN
EN 2
UV L O
Cu rre n t
Lim it
D e g litch
T herm al
Se n se
Drive r
UV L O
C urrent
Lim it
D e g litch
OU T 1
FL G 1
EN 1
GN D
Cu rre n t
S ense
Cu rre n t
S ense
A P 21 82 A , A P 219 2A
D ischarge
Co n tro l
D ischarge
Co n tro l
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Units
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
300
V
VIN
Input Voltage
6.5
V
VOUT
Output Voltage
VIN + 0.3
V
VEN , VFLG
Enable Voltage
6.5
V
Iload
Maximum Continuous Load Current
Internal Limited
A
TJmax
Maximum Junction Temperature
150
°C
TST
Storage Temperature Range (Note 2)
-65 to 150
°C
Notes:
2. UL Recognized Rating from -30°C to 70°C (Diodes qualified TST from -65°C to 150°C)
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
Input voltage
2.7
5.5
V
IOUT
Output Current
0
1.5
A
TA
Operating Ambient Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com