Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-OCCHIP Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-OCCHIP
Description  INTEGRATING LIGHT-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OCCHIP Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-OCCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
iC-OC
INTEGRATING LIGHT-VOLTAGE CONVERTER
Rev D1, Page 2/9
DESCRIPTION
iC-OC is an optical sensor with two photodiodes, two
integrating amplifiers and a control logic which en-
ables several iC-OCs to be connected in a chain.
Furthermore, the control logic, consisting of a two-
stage shift register, determines when the integration
time starts and ends and switches the integrators
in sequence to the analogue output. The analogue
output is a source follower and in its deactivated
state has a high impedance and can thus be used
in buses.
The control logic output supplies a CMOS compatible
signal and in chain connection it can be directly linked
to the digital input of the next device. Logic inputs are
configured as Schmitt triggers and are TTL/CMOS-
compatible.
All the registers in the device are reset with low
voltage (power-down reset). All pins are protected
against ESD.
CHIP LAYOUT
PIN CONFIGURATION Chip
D1
D2
GND
AOUT
VDD
DOUT
CLK
DIN
PIN FUNCTIONS
No. Name Function
DIN
Input
CLK
Clock Input
DOUT Data Output
VDD
+5 V Supply Voltage
AOUT Analogue Output
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com