Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX613DW Datasheet(PDF) 2 Page - CML Microcircuits

Part # MX613DW
Description  Global Call Progress Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX613DW Datasheet(HTML) 2 Page - CML Microcircuits

  MX613DW Datasheet HTML 1Page - CML Microcircuits MX613DW Datasheet HTML 2Page - CML Microcircuits MX613DW Datasheet HTML 3Page - CML Microcircuits MX613DW Datasheet HTML 4Page - CML Microcircuits MX613DW Datasheet HTML 5Page - CML Microcircuits MX613DW Datasheet HTML 6Page - CML Microcircuits MX613DW Datasheet HTML 7Page - CML Microcircuits MX613DW Datasheet HTML 8Page - CML Microcircuits MX613DW Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480086.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USAAll trademarks and service marks are held by their respective companies
Global Call Progress Tone Detector
2
MX613
Preliminary Information
Xtal/Clock: The input to the on-chip clock oscillator inverter. A 3.579545MHz Xtal or
externally derived telephone system clock (f
XTAL) should be connected here. Operation
of the MX613 without a suitable Xtal/Clock input may cause device damage.
Xtal: The output of the on-chip clock oscillator inverter. See Figure 2.
No internal connection.
V
BIAS: The internal circuitry bias line, held at VDD/2 this pin must be decoupled to VSS.
Level In: The input for level discrimination. This input is internally biased to V
BIAS. Signals
must be a.c. coupled, and the audio signal must be fed to both this pin and the Signal In
pin. Correct level detection determines the operation of this device (see Principles of
Decoder Operation). But if you wish to disregard the amplitude of the input levels, the
MX613 may be permanently enabled by pulling this pin to V
DD and disabled by pulling to
V
SS.
Signal In: The input for frequency discrimination and decoding. This input is internally
biased to V
BIAS. Signals must be a.c. coupled. The audio signal must be fed to both this
pin and the Level In pin.
No internal connection.
V
SS: Signal ground (GND).
No internal connection.
No internal connection.
IRQ: This Interrupt Request output from the MX613 is ‘wire-OR able’ allowing the
interrupt outputs of other peripherals to be combined and connected to the Interrupt input
of aµProcessor. This input has a low-impedance pulldown to V
SS when active and a high-
impedance when inactive. An interrupt is produced on completion of a HI or LO frequency
measurement.
Serial Clock: The serial clock from the
µProcessor. Data Out is clocked into the
µProcessor on the rising edge of the Serial Clock. See Data-Read Timing diagram.
Chip Select: A logic “0” at this input will select this device.
Data Out: The serial data output. Under the control of the Chip Select and Serial Clock
inputs, data should be read from this output in 6-bit blocks MSB (Bit-5) first.
If 8 serial clock pulses are applied, two additional logic “0s” will be output after Bit-0.
No internal connection.
V
DD: Positive supply input. A single, stable supply is required. Levels and voltages within
the MX613 are dependent upon this supply. This pin should be decoupled to V
SS by a
capacitor located close to the MX613 pins.
Pin Number
Function
MX613DW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MX613P
1
2
3
4
5
6
7
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com