Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX613P Datasheet(PDF) 4 Page - CML Microcircuits

Part # MX613P
Description  Global Call Progress Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX613P Datasheet(HTML) 4 Page - CML Microcircuits

  MX613P Datasheet HTML 1Page - CML Microcircuits MX613P Datasheet HTML 2Page - CML Microcircuits MX613P Datasheet HTML 3Page - CML Microcircuits MX613P Datasheet HTML 4Page - CML Microcircuits MX613P Datasheet HTML 5Page - CML Microcircuits MX613P Datasheet HTML 6Page - CML Microcircuits MX613P Datasheet HTML 7Page - CML Microcircuits MX613P Datasheet HTML 8Page - CML Microcircuits MX613P Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480086.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USAAll trademarks and service marks are held by their respective companies
Global Call Progress Tone Detector
4
MX613
Preliminary Information
Application Information ......
NOTONE Recognition
The NOTONE condition can be recognized using µProcessor software timing as below.
a. Set the
µP timer period to a period greater than the relevant frequency-band measurement period (13.16ms
or 39.47ms).
b. Each ‘Tone Measurement Complete’ interrupt from the MX613 must reset the
µP timer.
c. With NOTONE or white noise at the decoder input, the MX613 on-chip timer will be continually reset.
i. ‘Tone Measurement Complete' interrupt will not occur - the
µP timer will run.
ii. The
µP Timer time-out can be considered as a NOTONE indication.
On-Chip Timer Operation
For frequency measurement, the MX613 counts the number of input cycles in a fixed time period. This fixed
period, measured by the continuous on-chip timer, is set to 13.16ms for HI Band inputs and 39.47ms for LO Band
inputs.
When the timer expires the following actions take place:
a. A HI or LO (“1” or “0”) band indication bit is latched into Bit-5 of the Serial Output Port.
b. The Frequency Counter count of 5-bits is latched into the Serial Output Port (Bit-4 [MSB] to Bit-0). The
Serial Output Port Contains 6-bits, if 8 Serial Clock edges are employed, two extra “0s”, which should be
ignored, will be output last.
c. An interrupt is generated (IRQ) to the
µProcessor. The contents of the Serial Output Port should be read
before the next interrupt is expected; if not data will be overwritten.
When the Chip Select input is set to “0” the interrupt is reset.
The On-Chip Timer and Frequency Counter will be reset in mid-count, and therefore unable to allow a valid
measurement, under the following conditions:
a. A change of decode frequency band.
b. Decoder disabled; signal input level out of specification or Level Detect input set to V
SS.
c. Signal Quality Assessment considered ‘Bad’.
d. Input signal frequency outside limits.
In Limits
Running
Enabled
Enabled
Out of Limits
Reset
Disabled
Disabled
(frozen to previous bit-5 level
V
DD
Running/Reset
Enabled/Disabled
Enabled
(dependent upon Quality measurement)
V
SS
Reset
Disabled
Disabled
(frozen to previous bit-5 level)
Level In
Timer
IRQ
Data Out
Frequency Band Discrimination
The input signal is amplified by a self-biased (zero-crossing) inverting amplifier and then ‘filtered’ to remove high-
frequency noise and jitter.
High (HI) and Low (LO) counters are employed to determine the input frequency band (HI = 900Hz to 2150Hz,
LO = 300Hz to 660Hz).
If the input frequency is in the LO Band, the device will operate as a LO Band decoder and will remain so until a
HI frequency signal is detected. If the input frequency is in the HI Band, the device will operate as a HI Band
decoder and will remain so until a LO frequency signal is detected.
Frequency band monitoring is continuous with the band selection taking place every 9.8ms. It will therefore take
9.8ms from Power-Up to set up the initial correct decode frequency band.
Principles of Decoder Operation
Level Detection
Because level and frequency discrimination operations take place in parallel, the audio signal should, under normal
circumstances, be input to both Signal In and Level In pins via coupling capacitors.
If the input signal level (Level In) is outside the preset ‘Must/Must Not Decode’ thresholds (see Specifications), the
Universal Call Progress Decoder will be disabled.
If it is wished to disregard signal input
levels at the Level In pin and attempt to decode under all conditions, the decoder
may be permanently enabled by holding the Level In pin at V
DD.
The MX613 can disabled by pulling Level In to V
SS.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com