Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7168 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7168
Description  1.2A LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7168 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7168 Datasheet HTML 1Page - Diodes Incorporated AP7168 Datasheet HTML 2Page - Diodes Incorporated AP7168 Datasheet HTML 3Page - Diodes Incorporated AP7168 Datasheet HTML 4Page - Diodes Incorporated AP7168 Datasheet HTML 5Page - Diodes Incorporated AP7168 Datasheet HTML 6Page - Diodes Incorporated AP7168 Datasheet HTML 7Page - Diodes Incorporated AP7168 Datasheet HTML 8Page - Diodes Incorporated AP7168 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP7168
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168
Document number: DS32019 Rev. 2 - 2
2 of 11
www.diodes.com
September 2010
© Diodes Incorporated
Pin Descriptions
Name
Pin Number
Description
IN
1
Voltage input pins, to be tied together externally. Bypass to ground through at least 1µF capacitor.
POK
2
Power-OK output, active-high open-drain.
EN
4
Enable input, active high.
GND
5
Ground.
FB
7
Output feedback.
OUT
8
Voltage output pins, to be tied together externally. Bypass to ground through at least 4.7µF
ceramic capacitor.
NC
3, 6
No connection.
Functional Block Diagram
IN
EN
GND
FB
OUT
Gate
Driver
0.8V
0.744V
POK
Current Limit
and Thermal
Shutdown
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
4
KV
ESD MM
Machine Model ESD Protection
300
V
VIN
Input Voltage
7
V
OUT, FB, POK, EN Voltage
VIN + 0.3
V
Continuous Load Current
Internal Limited
TJ
Operating Junction Temperature Range
-40 ~ 150
°C
TST
Storage Temperature Range
-65 ~150
°C
PD
Power Dissipation
SO-8EP (Note 2, 4)
4.0
W
Notes:
2. Ratings apply to ambient temperature at 25°C
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input voltage
2.2
5.5
V
IOUT
Output Current
0
1.2
A
TA
Operating Ambient Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com