Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7311 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7311
Description  150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7311 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7311 Datasheet HTML 5Page - Diodes Incorporated AP7311 Datasheet HTML 6Page - Diodes Incorporated AP7311 Datasheet HTML 7Page - Diodes Incorporated AP7311 Datasheet HTML 8Page - Diodes Incorporated AP7311 Datasheet HTML 9Page - Diodes Incorporated AP7311 Datasheet HTML 10Page - Diodes Incorporated AP7311 Datasheet HTML 11Page - Diodes Incorporated AP7311 Datasheet HTML 12Page - Diodes Incorporated AP7311 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AP7311
150mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7311 Rev. 2
11 of 13
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOT25
1
2
3
5
4
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7311-ADJ
SOT25
RM
AP7311-10
SOT25
RN
AP7311-12
SOT25
RP
AP7311-15
SOT25
RR
AP7311-18
SOT25
RS
AP7311-20
SOT25
RT
AP7311-25
SOT25
RU
AP7311-28
SOT25
RV
AP7311-30
SOT25
RW
AP7311-33
SOT25
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com