Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB1065 Datasheet(PDF) 19 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 15Page - CML Microcircuits DB1065 Datasheet HTML 16Page - CML Microcircuits DB1065 Datasheet HTML 17Page - CML Microcircuits DB1065 Datasheet HTML 18Page - CML Microcircuits DB1065 Datasheet HTML 19Page - CML Microcircuits DB1065 Datasheet HTML 20Page - CML Microcircuits DB1065 Datasheet HTML 21Page - CML Microcircuits DB1065 Datasheet HTML 22Page - CML Microcircuits DB1065 Datasheet HTML 23Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
20480150.001 MX-COM
 1996
Page 19
8.2 External Components Comparison
Figure 6: Comparison of External Components for Older CTCSS ICs
EXTERNAL
COMPONENTS
MX365
MX365A
MX165A
MX165B
MX165C
MX465
R1
1M
1M
1M
1M
4.7M
4.7M
R2
560k
560k
560k
560k
560k
560k
R3
820k
820k
820k
820k
820k
820k
X1
1MHz
1MHz
1MHz
1MHz
1MHz
4MHz
C1
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
C2
68pF
68pF
68pF
68pF
18pF
18pF
C3
33pF
33pF
33pF
33pF
33pF
33pF
C4
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
C5
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
C6
0.47uF
0.47uF
0.47uF
0.47uF
0.47uF
0.47uF
C7
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
C8
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
C9
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
C10
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
C11
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
D1
Small signal
Small signal
Small signal
Small signal
Small signal
Small signal
Resistors
10%, Capacitors 20%, Xtal 100ppm max
Note : The values specified for R1, C2 and C3 have been found to be satisfactory when used with a
crystal (X1) whose equivalent series resistance is
to 1000 ohms. The crystal manufacturer should be
consulted to determine optimum values for different crystals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com