Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0171 Datasheet(PDF) 14 Page - CML Microcircuits

Part # EV0171
Description  Evaluation Kit User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV0171 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button EV0171 Datasheet HTML 8Page - CML Microcircuits EV0171 Datasheet HTML 9Page - CML Microcircuits EV0171 Datasheet HTML 10Page - CML Microcircuits EV0171 Datasheet HTML 11Page - CML Microcircuits EV0171 Datasheet HTML 12Page - CML Microcircuits EV0171 Datasheet HTML 13Page - CML Microcircuits EV0171 Datasheet HTML 14Page - CML Microcircuits EV0171 Datasheet HTML 15Page - CML Microcircuits EV0171 Datasheet HTML 16Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Evaluation Kit User Manual for CMX017
EV0171
© 1999 Consumer Microcircuits Limited
14
UM0171/2
1.6.2.3 Powersave and Zero-Power Modes
The evaluation device enable lines are controlled by switch SW1.
This switch allows the user to
configure the CMX017 transmitter for powersave or zero-power.
The Modulator and Buffered Oscillator stages of the evaluation device can be powered down
independently of the PA Driver and Power Amplifier stages.
In SLEEP mode (SW1:1 and SW1:2 are Off) all sections of the device are powered down and the
device current consumption is reduced to typically 10
µA. This is the zero-power mode.
In TRANSMIT-STANDBY mode (SW1:1 is Off and SW1:2 is On) only the PA Driver and Power
Amplifier stages are powered down, whilst the Modulator and Buffered Oscillator remain active.
In TRANSMIT mode (SW1:1 and SW1:2 are On) both the Modulator and Power Amplifier sections of
the device are fully operational.
1.6.2.4 VCO Tank Circuitry
The coaxial resonator, PR1, consists of a length of RG405 semi-rigid cable. The outer is cut to
approximately 0.370” (9.4mm). One end of the inner is soldered to the outer whilst the other is
soldered to the tank PCB Pad. The resonator is laid down and outer soldered to PCB ground points
using tinned wire. The overall length of the resonator is approximately 0.430” (11mm).
Reducing the length of the coaxial resonator will increase the resonant frequency and vice versa.
Increasing C16 and C19 will reduce resonant frequency.
The capacitance ratio of C19 to varactor diode, D1, will determine the achievable operating band for
the 0-3V control voltage. Therefore to reduce the bandwidth, reduce C19 and/or insert a small
picofarad capacitor, C22. The introduction of C22 will also reduce resonant frequency.
1.6.3
PCB Design
The EV0171 PCB is a 4-layer design, with an overall thickness of 0.062”, including top and bottom
layer copper.
The top layer comprises the regulation circuitry connections, RF signal tracks and
CMX017 ground plane. The second layer is purely a ground plane for the supply. Layer three contains
the analog power supply tracks, AV
DD
which feed all the board’s sub-circuits.
The bottom layer
contains another ground plane for screening purposes.
CMX017 ground pins are connected directly to the top layer ground plane as close to the package as
possible. The power supply pins are bypassed to ground directly at the package using decoupling
capacitors with direct returns to ground.
Using microstrip techniques the PAOUT and PAIN/MODOUT tracks on the 4-layer PCB have been
designed to provide line impedances of 50
Ω. This design technique is based on the track width and
separation distance between track and ground plane for a given dielectric constant of the PCB material.
The layout assumes the board material is FR4 with a ground plane on the second layer, separated
from the top layer by 0.016”. Therefore, for a dielectric constant between 4-5 and track widths of
0.032”, approximately 50
Ω line impedances are obtained.
Refer to an RF/Microwave designer’s guide to obtain more information on microstrip line impedance
design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com