Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1869 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1869
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1869 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1869 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1869 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1869 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1869 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1869
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Ambient temperature Ta (°C)
PC – Ta
Collector-emitter voltage VCE (V)
Safe Operating Area
IB = −5 mA
−10
−15
−20
−25
−30
−40
−50
−3
0
0
Common emitter
Tc = 25°C
−2
−4
−6
−8
−10
−1
−2
−25
25
Tc = 100°C
1000
3
−0.01
Common emitter
VCE = −2 V
−0.1
−1
−10
5
10
30
50
100
300
500
−25
25
Tc = 100°C
−3
−0.01
−0.01
−0.1
−1
−10
−0.03
−0.05
−0.1
−0.3
−0.5
−1
Common emitter
IC/IB = 10
−3
0
0
−25
25
Tc = 100°C
−0.2
−0.4
−0.6
−0.8
−1
−1.2
−1.4
−0.5
−1
−1.5
−2
−2.5
Common emitter
VCE = 2 V
12
0
0
25
50
75
100
125
150
175
200
2
4
6
8
10
(2)
(1)
(1) Tc = Ta
Infinite heat sink
(2) No heat sink
IC max
(continuous)
1 ms*
10 ms*
100 ms*
DC operation
Tc = 25°C
*: Single nonrepetitive
pulse Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
−10
−0.03
−1
−10
−100
−500
−0.05
−0.1
−0.3
−0.5
−1
−3
−5
IC max (pulsed)*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com