Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1887 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1887
Description  High-Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1887 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1887 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1887 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1887 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1887 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1887 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA1887
2009-09-30
3
30
0
0
無限大放熱板使用
25
50
75
100
125
150
175
5
10
15
20
25
放熱板なし
−12
0
0
エミッタ接地
Tc
= 25°C
IB = −10 mA
−20
−2
−2
−4
−6
−8
−10
−4
−6
−8
−10
−12
−30
−40
−50
−60
−70
−80
−90
−12
0
0
エミッタ接地
VCE = −1 V
Tc
= 100°C
−25
−2
−4
−6
−8
−10
−0.2
−0.4
−0.6
−0.8
−1.2
−1
25
5000
10
−0.01
エミッタ接地
VCE = −1 V
25
Tc
= 100°C
−25
−0.1
−1
−10
100
1000
3000
300
500
−0.3
−3
30
50
−0.03
−1000
−3
−0.01
エミッタ接地
IC/IB =20
Tc
= 100°C
−25
−5
−10
−100
−30
−50
−300
−500
25
−0.1
−1
−10
−0.3
−3
−0.03
Common emitter
Tc = 25°C
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Common emitter
VCE = −1 V
Base-emitter voltage VBE (V)
IC – VBE
Common emitter
VCE = -1 V
Collector current IC (A)
VCE (sat) – IC
Common emitter
IC/IB =20
Ambient temperature Ta (°C)
PC – Ta
(2)
(1)
(1) Tc = Ta
Infinite heat sink
(2) No heat sink



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com