Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8380 Datasheet(PDF) 21 Page - CML Microcircuits

Part # EV8380
Description  Family Radio Processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8380 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button EV8380 Datasheet HTML 17Page - CML Microcircuits EV8380 Datasheet HTML 18Page - CML Microcircuits EV8380 Datasheet HTML 19Page - CML Microcircuits EV8380 Datasheet HTML 20Page - CML Microcircuits EV8380 Datasheet HTML 21Page - CML Microcircuits EV8380 Datasheet HTML 22Page - CML Microcircuits EV8380 Datasheet HTML 23Page - CML Microcircuits EV8380 Datasheet HTML 24Page - CML Microcircuits EV8380 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Evaluation Kit for CMX838 Family Radio Processor
21
EV8380 User Manual
¤
¤
¤
¤2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480230.001
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
9.
Wait 250
µs
10. Write $60 to SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register.
a.
Task 0 command (to place device normal run mode with IRQs enabled)
NOTE: This command is not required if the device was already in normal run mode
5.3
Audio Filtering Examples
5.3.1
How to Generate “Melody Tone” And Process It with the CMX838
A common feature in FRS-type radios is the generation of ‘melody tones’ for use as call alerts. The CMX838
can generate audio tone square wave signals and filter them to make them suitable to drive the RXOUT (to
an external speaker path) and TXMOD1 and TXMOD2 (to external RF transmitter paths) output pins, as
desired. The CMX838 eliminates the need for external filtering. Simultaneous output to all of RXOUT,
TXMOD1 and TXMOD2 pins supports playing a melody tone at the local loudspeaker while simultaneously
transmitting it via RF.
For example, to configure the CMX838 to generate an audio “melody tone” and perform signal processing on
it, a typical C-BUS sequence could be:
1.
Configure other registers as necessary for proper baseband clock generation, signal path routing,
amplification, etc.
2.
Configure the tone signaling processor to generate the audio tone frequency of interest as described
in sections 5.2.3.1, Set the Audio Tone Frequency, pg. 18, and 5.2.3.2, Internally Connect the AUX
I/O Pin to the Audio Tone Generator, pg. 18.
3.
Write $DE to SETUP ($5F) register:
a. Tx disabled (this is a ‘don’t care’)
b.
Audio signal input supplied from AUX I/O pin
c.
Audio signal passed from HPF output to Limiter/LPF input
d. Bit 0 is unused and must be set to logic 1.
4.
Write $50 to AUDIO CONTROL ($81) register:
a.
First stage of audio filtering configured as LPF
b.
Audio signal routed through HPF
c.
Audio level (gain stage between pre-emphasis network and HPF) set to 0.0dB
5.
Write $97 to RX AUDIO LEVEL CONTROL ($82) register:
a.
Deviation limiter bypassed.
b.
Post-deviation limiter LPF not bypassed
c.
De-emphasis network is not bypassed
d.
Rx Audio Level (gain stage downstream of de-emphasis network) set to 0.0dB
6.
Connect speaker to connector J3 of the EV8380.
The desired tone should be audible at the speaker.
5.3.2
How to Use Pre-Emphasis/De-Emphasis
For the transmit path, pre-emphasis can be realized either through an appropriate combination of external
components between the microphone and the CMX838 microphone input pin, or by activating the CMX838
internal pre-emphasis filter. The CMX838 internal pre-emphasis filter can be activated by setting bits 7 and 6
of the AUDIO CONTROL register ($81) to 0. Please note that if pre-emphasis is performed externally, the
internal pre-emphasis filter should not be utilized in the signal flow path.
De-emphasis can be realized by activating the CMX838 internal de-emphasis filter; this is done by setting bit
5 of the RX VOLUME CONTROL register ($82) to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com