Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX002 Datasheet(PDF) 2 Page - CML Microcircuits

Part # FX002
Description  Signal to Noise Enhancer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX002 Datasheet(HTML) 2 Page - CML Microcircuits

  FX002 Datasheet HTML 1Page - CML Microcircuits FX002 Datasheet HTML 2Page - CML Microcircuits FX002 Datasheet HTML 3Page - CML Microcircuits FX002 Datasheet HTML 4Page - CML Microcircuits FX002 Datasheet HTML 5Page - CML Microcircuits FX002 Datasheet HTML 6Page - CML Microcircuits FX002 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FX002DW
1
3
4
5
6
8
9
11
13
16
2, 7, 10,
12, 14, 15
FX002J
1
3
4
5
6
7
9
11
13
16
2, 8,
10, 12,
14, 15
Pin Number
Function
Signal In: The inverting input to the analogue amplifier/comparator. Used with the Signal Bias
pin; external coupling components are required (see Figure 2).
Signal Bias: The output of the analogue amplifier/comparator. Do not load this pin with
peripheral circuitry; there is no drive capacity for off-chip signalling. The feedback resistor
should be not less than 200k
Ω. See Figure 2.
V
DD: Positive supply rail. A single, stable power supply is required. Note that this device has
two V
DD pins; this input is positioned to prevent cross-talk, either or both may be connected to
the host circuit's supply line. Do not attempt to draw current from either V
DD pin.
Clock/24: A squarewave output clock signal at the rate of Xtal/clock/
24; provided for peripheral
and test purposes.
Xtal: The output of the on-chip clock oscillator inverter.
Xtal/Clock: The input to the on-chip clock oscillator inverter; this may be a Xtal, resonator or
clock pulse input. The selection of this frequency will affect the operational input signal
bandwidth (and output frequency) of this device; refer to Table 2. Note that the choice of V
DD
will determine the maximum Xtal/clock frequency and hence the maximum useable signal
input frequency. Operation of any CML microcircuit without an active Xtal or clock input may
cause device damage. A clock pulse input is fed directly into this pin; Xtal/clock components
are not required.
Table 1 provides a guide to maximum usable Xtal/clock frequencies at pre-determined V
DD
values.
V
DD (V)
Max. Xtal/Clock
Freq. (MHz)
2.5
0.625
Table 1
3.0
1.0
5.0
2.5
V
SS: Negative supply rail (GND).
Clock/6: A squarewave output clock signal at the rate of Xtal/clock/
6; provided for peripheral
and test purposes.
Output: (f
OUT = 4 x fSIGNAL IN). The auto-correlated output signal at four times (x 4) the input
signal (see Figure 4).
There is a time delay between input and output signals (see Specifications).
V
DD: Positive supply rail. A single, stable power supply is required.
Note that this device has two V
DD pins; either or both may be connected to the host circuit's
supply line. Do not attempt to draw current from either V
DD pin.
The choice of V
DD will determine the maximum Xtal/clock frequency and hence the maximum
useable signal input frequency (see Figure 3).
No internal connection. Leave open-circuit.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com