Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX105AP3 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX105AP3
Description  Tone Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX105AP3 Datasheet(HTML) 5 Page - CML Microcircuits

  FX105AP3 Datasheet HTML 1Page - CML Microcircuits FX105AP3 Datasheet HTML 2Page - CML Microcircuits FX105AP3 Datasheet HTML 3Page - CML Microcircuits FX105AP3 Datasheet HTML 4Page - CML Microcircuits FX105AP3 Datasheet HTML 5Page - CML Microcircuits FX105AP3 Datasheet HTML 6Page - CML Microcircuits FX105AP3 Datasheet HTML 7Page - CML Microcircuits FX105AP3 Datasheet HTML 8Page - CML Microcircuits FX105AP3 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Tone Detector
FX105A
© 1999 Consumer Microcircuits Limited
5
D/105A/5
1.4
External Components
C1A
See section 1.6
R1F
See section 1.6
C1B
See section 1.6
R1V
See section 1.6
C2A
See section 1.6
R2
See section 1.6
C2B
See section 1.6
RL
20kohm
±20%
C3A
See section 1.6
RV
See section 1.6
C3B
See section 1.6
RW
See section 1.6
C4
See section 1.6
D1
IN914 or similar
C5
0.27µF
±20%
C6
0.1µF
±20%
Note s:
1.
For improved performance C4 may be chosen to provide 30° phase shift at the VCO
loop filter input.
2.
For compatibility with the FX105P; capacitors (C1 .... C4) may be connected to VDD
instead of VSS.
3.
For improved de-response time, a diode (D1) may be added.
4.
Any value load resistance (RL) may be used, providing the maximum load current does
not exceed the value given in section 1.7.1
Figure 2 Recommended External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com