Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6066SSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN6066SSS
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6066SSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN6066SSS Datasheet HTML 1Page - Diodes Incorporated DMN6066SSS Datasheet HTML 2Page - Diodes Incorporated DMN6066SSS Datasheet HTML 3Page - Diodes Incorporated DMN6066SSS Datasheet HTML 4Page - Diodes Incorporated DMN6066SSS Datasheet HTML 5Page - Diodes Incorporated DMN6066SSS Datasheet HTML 6Page - Diodes Incorporated DMN6066SSS Datasheet HTML 7Page - Diodes Incorporated DMN6066SSS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMN6066SSS
Document Number DS32110 Rev 1 - 2
4 of 8
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN6066SSS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
60
⎯
⎯
V
ID = 250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
0.5
μA
VDS= 60V, VGS= 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS= ±20V, VDS= 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1.0
⎯
3.0
V
ID= 250μA, VDS= VGS
Static Drain-Source On-Resistance (Note 7)
RDS (ON)
⎯
0.048
0.066
Ω
VGS= 10V, ID= 4.5A
0.068
0.097
VGS= 4.5V, ID= 3.5A
Forward Transconductance (Notes 7 & 8)
gfs
⎯
19.2
⎯
S
VDS= 15V, ID= 6A
Diode Forward Voltage (Note 7)
VSD
⎯
0.89
1.15
V
IS= 4.5A, VGS= 0V
Reverse recovery time (Note 8)
trr
23
⎯
ns
IS= 2.4A, di/dt= 100A/μs
Reverse recovery charge (Note 8)
Qrr
⎯
19.7
⎯
nC
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
⎯
502
⎯
pF
VDS= 30V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
⎯
45.7
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
27.1
⎯
pF
Total Gate Charge (Note 9)
Qg
⎯
5.4
⎯
nC
VGS= 4.5V
VDS= 30V
ID= 4.5A
Total Gate Charge (Note 9)
Qg
⎯
10.3
⎯
nC
VGS= 10V
Gate-Source Charge (Note 9)
Qgs
⎯
1.7
⎯
nC
Gate-Drain Charge (Note 9)
Qgd
⎯
3.2
⎯
nC
Turn-On Delay Time (Note 9)
tD(on)
⎯
2.7
⎯
ns
VDD= 30V, VGS= 10V
ID= 1A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 9)
tr
⎯
2.4
⎯
ns
Turn-Off Delay Time (Note 9)
tD(off)
⎯
14.7
⎯
ns
Turn-Off Fall Time (Note 9)
tf
⎯
5.4
⎯
ns
Notes:
7. Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%
8. For design aid only, not subject to production testing.
9. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com