Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX118P Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX118P
Description  Duplex Frequency Inverter for Cordless Telephones
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX118P Datasheet(HTML) 5 Page - CML Microcircuits

  FX118P Datasheet HTML 1Page - CML Microcircuits FX118P Datasheet HTML 2Page - CML Microcircuits FX118P Datasheet HTML 3Page - CML Microcircuits FX118P Datasheet HTML 4Page - CML Microcircuits FX118P Datasheet HTML 5Page - CML Microcircuits FX118P Datasheet HTML 6Page - CML Microcircuits FX118P Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Specification
Absolute Maximum Ratings
Exceeding the maximum rating can result in device damage. Operation of the device outside the operating limits is not
implied.
Supply voltage
-0.3 to 7.0V
Input voltage at any pin (ref V
SS = 0V)
-0.3 to (V
DD + 0.3V)
Sink/source current
(supply pins)
+/- 30mA
(other pins)
+/- 20mA
Total device dissipation @ T
AMB 25°C
800mW Max.
Derating
10mW/
°C
Operating temperature range:
FX118DW/P
-40
°C to +85°C
Storage temperature range:
FX118DW/P
-40
°C to +85°C
Operating Limits
All device characteristics are measured under the following conditions unless otherwise specified:
V
DD = 3.75V. TAMB = 25°C. Xtal/Clock f0 = 4.433619MHz. Audio level 0dB ref: = 388mV rms @ 1.0kHz.
Characteristics
See Note
Min.
Typ.
Max.
Unit
Static Values
Supply Voltage
3.0
3.75
5.5
V
Supply Current
–
4.0
6.0
mA
Input Impedance
(Amplifiers)
1.0
10.0
–
M
Ω
Output Impedance
(LP Filters)
–
2.0
–
k
Ω
Output Impedance
(C1, C2 )
–
200
–
Ω
Output Impedance
(C1, C2 Amps)
–
10.0
–
k
Ω
On-Chip Xtal Oscillator
R
IN
10.0
–
–
M
Ω
R
OUT
–
10.0
–
k
Ω
Inverter Gain
–
10.0
–
V/V
Gain/Bandwidth Product
–
10.0
–
MHz
Dynamic Values
Analogue Signal Input Levels
-16.0
–
4.0
dB
SINAD
6
–
30.0
–
dB
Unwanted Modulation Products
1, 2
–
-40.0
–
dB
Carrier Breakthrough
1, 2
–
-55.0
–
dB
Baseband Breakthrough
1, 2
–
-40.0
–
dB
Carrier Frequency
–
3299
–
Hz
Analogue Output Noise
3
–
-42.0
–
dB
Analogue Output Noise
5
–
-46.0
–
dBp
Filters
Input Lowpass Filter
1
Cut-Off Frequency (-3dB)
–
3100
–
Hz
Passband Ripple (300Hz - 3kHz)
–
±1.0
–
dB
Attenuation at 3.3kHz
–
30.0
–
dB
Attenuation at 3.6kHz
–
45.0
–
dB
Passband Gain
–
0.5
–
dB
Output Bandpass Filter
1, 4
Passband Frequencies
300
–
3000
Hz
Passband Ripple
–
±1.0
–
dB
Low Freq. Roll-Off <200Hz
12.0
–
–
dB/oct.
High Freq. – Attenuation at 3.4kHz
–
48.0
–
dB
Passband Gain
3.5
4.5
5.5
dB
Overall Modulated and De-Modulated Channel Response
Passband Frequencies (Tx and Rx Channel)
300
–
3000
Hz
Passband Ripple
-3.0
–
2.0
dB
Low Freq. Roll-Off <250Hz
18.0
–
–
dB/oct.
High Freq. – Attenuation at 3.4kHz
–
48.0
–
dB
Passband Gain
4
–
0.5
–
dB
Distortion
1
–
3.0
–
%
Notes:
1. Measured with an audio input level of -3.0dB.
2. With respect to a single modulated (scrambling) channel.
3. Measured with a short circuit input, at any analogue output, in a 30.0kHz bandwidth.
4. With Input Amplifier gain at 0dB.
5. Measured psophometrically weighted, at any analogue output.
6. Measured in a 30kHz bandwidth.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com