Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS3017SSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMS3017SSD
Description  ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3017SSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMS3017SSD Datasheet HTML 1Page - Diodes Incorporated DMS3017SSD Datasheet HTML 2Page - Diodes Incorporated DMS3017SSD Datasheet HTML 3Page - Diodes Incorporated DMS3017SSD Datasheet HTML 4Page - Diodes Incorporated DMS3017SSD Datasheet HTML 5Page - Diodes Incorporated DMS3017SSD Datasheet HTML 6Page - Diodes Incorporated DMS3017SSD Datasheet HTML 7Page - Diodes Incorporated DMS3017SSD Datasheet HTML 8Page - Diodes Incorporated DMS3017SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DMS3017SSD
Document number: DS35052 Rev. 2 - 2
1 of 10
www.diodes.com
October 2010
© Diodes Incorporated
DMS3017SSD
ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
DIOFET utilize a unique patented process to monolithically
integrate a MOSFET and a Schottky in a single die to deliver:
•
Low RDS(on) – minimizes conduction loss
•
Low VSD – reducing the losses due to body diode
construction
•
Low Qrr – lower Qrr of the integrated Schottky reduces body
diode switching losses
•
Low gate capacitance (Qg/Qgs) ratio – reduces risk of shoot-
through or cross conduction currents at high frequencies
•
Avalanche rugged – IAR and EAR rated
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram Below
•
Weight: 0.072 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DMS3017SSD-13
SO-8
2500 / Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
D2
S2/D1
G2
S1
S2/D1
S2/D1
D2
G1
Top View
Top View
Internal Schematic
Top View
Logo
Part no.
Year: “09” = 2009
Week: 01 ~ 53
1
4
8
5
S3017SD
YY WW
D
1
S
1
G
1
D
2
S
2
G
2
N-Channel MOSFET
N-Channel MOSFET +
Integrated Schottky Diode
Q1
Q2


Similar Part No. - DMS3017SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3012SFG DIODES-DMS3012SFG Datasheet
270Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 8
DMS3012SFG-13 DIODES-DMS3012SFG-13 Datasheet
270Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
Rev 8
DMS3012SFG-13 DIODES-DMS3012SFG-13 Datasheet
270Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 8
DMS3012SFG-7 DIODES-DMS3012SFG-7 Datasheet
270Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
Rev 8
DMS3012SFG-7 DIODES-DMS3012SFG-7 Datasheet
270Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 8
More results

Similar Description - DMS3017SSD

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMS3019SSD DIODES-DMS3019SSD Datasheet
205Kb / 10P
ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS35053 Rev. 2 - 2
logo
Cystech Electonics Corp...
MTNN8451KQ8 CYSTEKEC-MTNN8451KQ8 Datasheet
361Kb / 10P
Asymmetric Dual N-Channel Enhancement Mode MOSFET
MTNN8452KQ8 CYSTEKEC-MTNN8452KQ8 Datasheet
358Kb / 10P
Asymmetric Dual N-Channel Enhancement Mode MOSFET
MTNN8453KQ8 CYSTEKEC-MTNN8453KQ8 Datasheet
361Kb / 10P
Asymmetric Dual N-Channel Enhancement Mode MOSFET
MTNN081404SH8 CYSTEKEC-MTNN081404SH8 Datasheet
830Kb / 13P
Asymmetric Dual N- Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP3D2R6CMT A-POWER-AP3D2R6CMT Datasheet
140Kb / 8P
ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
ACE Technology Co., LTD...
ACE13810B ACE-ACE13810B Datasheet
183Kb / 2P
Dual Asymmetric N-Channel Enhancement Mode Power MOSFET
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com