Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS3019SSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMS3019SSD
Description  ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3019SSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMS3019SSD Datasheet HTML 1Page - Diodes Incorporated DMS3019SSD Datasheet HTML 2Page - Diodes Incorporated DMS3019SSD Datasheet HTML 3Page - Diodes Incorporated DMS3019SSD Datasheet HTML 4Page - Diodes Incorporated DMS3019SSD Datasheet HTML 5Page - Diodes Incorporated DMS3019SSD Datasheet HTML 6Page - Diodes Incorporated DMS3019SSD Datasheet HTML 7Page - Diodes Incorporated DMS3019SSD Datasheet HTML 8Page - Diodes Incorporated DMS3019SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DMS3019SSD
Document number: DS35053 Rev. 2 - 2
3 of 10
www.diodes.com
October 2010
© Diodes Incorporated
DMS3019SSD
Electrical Characteristics – Q1 @ TA = 25°C unless otherwise stated
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
-
-
0.1
mA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.0
-
2.4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
10
12
15
18
mΩ
VGS = 10V, ID = 9A
VGS = 4.5V, ID = 7A
Forward Transfer Admittance
|Yfs|
-
5
-
S
VDS = 5V, ID = 9A
Diode Forward Voltage
VSD
-
0.4
1
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
-
1932
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
154
-
Reverse Transfer Capacitance
Crss
-
121
-
Gate Resistance
Rg
-
2.7
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
-
18.1
-
nC
VDS = 15V, VGS = 4.5V, ID = 9A
Total Gate Charge (VGS = 10V)
Qg
-
42.0
-
VDS = 15V, VGS = 10V, ID = 9A
Gate-Source Charge
Qgs
-
4.5
-
Gate-Drain Charge
Qgd
-
4.0
-
Turn-On Delay Time
tD(on)
-
6.16
-
ns
VGS = 10V, VDS = 15V,
RG = 3Ω, RL = 1.7Ω
Turn-On Rise Time
tr
-
7.22
-
Turn-Off Delay Time
tD(off)
-
36.76
-
Turn-Off Fall Time
tf
-
5.38
-
Notes:
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.
0
0.5
1
1.5
2
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
10
15
20
25
30
5
V
= 2.0V
GS
V
= 2.2V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 4.0V
GS
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
0
1
1.5
2
2.5
3
0.5
0
5
10
15
20
25
30
V
= 85°C
GS
V
= 125°C
GS
V
= 25°C
GS
V
= -55°C
GS
V
= 150°C
GS
V
= 5V
DS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com