Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX579 Datasheet(PDF) 21 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button FX579 Datasheet HTML 15Page - CML Microcircuits FX579 Datasheet HTML 16Page - CML Microcircuits FX579 Datasheet HTML 17Page - CML Microcircuits FX579 Datasheet HTML 18Page - CML Microcircuits FX579 Datasheet HTML 19Page - CML Microcircuits FX579 Datasheet HTML 20Page - CML Microcircuits FX579 Datasheet HTML 21Page - CML Microcircuits FX579 Datasheet HTML 22Page - CML Microcircuits FX579 Datasheet HTML 23Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
21
D/579/4
Characteristic
Note
Min.
Typ.
Max.
Units
Transmit Parameters
TXOP output impedance
3
-
100
-
Ω
TXOP output level
4, 6, 9
0.8
1.0
1.2
Vpk-pk
Tx output offset (wrt VBIAS)
-
-100
-
+100
mV
Tx data delay (BT = 0.3)
5
-
2.0
2.5
bit periods
Tx data delay (BT = 0.5)
5
-
1.5
2.0
bit periods
Receive Parameters
RXIN input impedance
3
-
M
Ω
RXIN input level
7, 9
0.7
1.0
1.3
Vpk-pk
Rx dc offset from ½ VDD
9
-
±0.5
-
V
Rx time delay
8
-
-
3
bit periods
On-Chip Xtal Oscillator
Input impedance
10
10
-
M
Ω
Output impedance
10
-
50
-
k
Ω
Voltage gain
10
-
25
-
dB
"High" clock pulse width
11
60
-
-
ns
"Low" clock pulse width
11
60
-
-
ns
Notes:
1.
Not including any current drawn from the modem pins by external circuitry
2.
For VIN in the range VSS to VDD
3.
Measured by ac coupling an external 1kHz source via suitable resistance to the TXOP pin.
The value specified is the average of values measured in the all "1"s and all "0"s states
4.
Data pattern of "1111000011110000..."
5.
Measured between the rising edge of the Tx DATACLK and the centre of the corresponding bit
at the output of the external RC network connected to TXOP
6.
Measured at the output of the external RC network
7.
For optimum performance, measured at RXIN for a "1111000011110000..." pattern
8.
Measured between the centre of bit at RXIN and corresponding rising edge of the
Rx data clock
9.
Levels are proportional to applied VDD
10.
Small signal measurement at 100Hz with no load on XTALN output
11.
Timing for an external clock input to the XTAL/CLK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com