Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX589P Datasheet(PDF) 17 Page - CML Microcircuits

Part # FX589P
Description  Low-Voltage/High-Speed GMSK Modem
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589P Datasheet(HTML) 17 Page - CML Microcircuits

Back Button FX589P Datasheet HTML 10Page - CML Microcircuits FX589P Datasheet HTML 11Page - CML Microcircuits FX589P Datasheet HTML 12Page - CML Microcircuits FX589P Datasheet HTML 13Page - CML Microcircuits FX589P Datasheet HTML 14Page - CML Microcircuits FX589P Datasheet HTML 15Page - CML Microcircuits FX589P Datasheet HTML 16Page - CML Microcircuits FX589P Datasheet HTML 17Page - CML Microcircuits FX589P Datasheet HTML 18Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
CONSUMER MICROCIRCUITS LIMITED
1 WHEATON ROAD
WITHAM - ESSEX CM8 3TD - ENGLAND
© 1998 Consumer Microcircuits Limited
Telephone: +44 1376 513833
Telefax:
+44 1376 518247
e-mail:
sales@cmlmicro.co.uk
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied
and CML reserves the right at any time without notice to change the said circuitry.
FX589P
24-pin plastic DIL
(P4)
H
K
L
Z
F
J1
J
P
C
K1
T
B
M
A
E
E1
PIN1
Y
NOTE : All dimensions in inches (mm.)
Angles in degrees
A
B
C
E
E1
F
H
TYP.
MAX.
MIN.
DIM.
J
J1
P
Y
T
Z
K1
K
L
M
0.220 (5.59)
0.552 (14.02)
0.670 (17.02)
7°
4°
0.150 (3.81)
1.270 (32.26)
0.151 (3.84)
0.100 (2.54)
0.121 (3.07)
0.180 (4.58)
0.600 (15.24)
0.590 (14.99)
0.625 (15.88)
1.10 (27.94)
0.015 (0.38)
0.045 (1.14)
0.008 (0.20)
0.015 (0.38)
0.015 (0.38)
0.023 (0.58)
0.040 (1.02)
0.065 (1.65)
0.066 (1.68)
0.060 (1.52)
0.074 (1.88)
0.074 (1.88)
1.200 (30.48)
0.500 (12.70)
Ordering Information
FX589DW
24-pin plastic S.O.I.C.
(D2)
FX589D5
24-pin plastic S.S.O.P.
FX589P
24-pin plastic DIL
(P4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com