Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX629 Datasheet(PDF) 2 Page - CML Microcircuits

Part # FX629
Description  Delta Modulation Codec
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX629 Datasheet(HTML) 2 Page - CML Microcircuits

  FX629 Datasheet HTML 1Page - CML Microcircuits FX629 Datasheet HTML 2Page - CML Microcircuits FX629 Datasheet HTML 3Page - CML Microcircuits FX629 Datasheet HTML 4Page - CML Microcircuits FX629 Datasheet HTML 5Page - CML Microcircuits FX629 Datasheet HTML 6Page - CML Microcircuits FX629 Datasheet HTML 7Page - CML Microcircuits FX629 Datasheet HTML 8Page - CML Microcircuits FX629 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Pin Number Function
Xtal/Clock : Input to the clock oscillator inverter. A 1.024MHz Xtal input or externally
derived clock is injected here. See Clock Mode pins and Figure 3.
Xtal : Output of clock oscillator inverter. Xtal circuitry shown is in accordance with CML
application note D/XT/1 April 1986.
No connection
Encoder Data Clock : A logic I/O port. External encode clock input or internal data clock
output. Clock frequency is dependant upon clock mode 1, 2 inputs and Xtal frequency (see
Clock Mode pins).
Encoder Output : The encoder digital output, this is a three state output whose condition is
set by Data Enable and Powersave inputs as shown :
Data Enable
Powersave
Encoder Output
1
1
Enabled
0
1
High Z (o/c)
1
0
Vss
Encoder Force Idle : When this pin is a logical '0' the encoder is forced to an idle state and
the encoder digital output is 0101..., a perfect idle pattern. When this pin is a logical '1' the
encoder encodes as normal. Internal 1M
Ω Pullup.
Data Enable : Data is made available at the encoder output pin by control of this input. See
Encoder Output pin. Internal 1M
Ω Pullup.
No connection
Bias : Normally at V
DD /2 bias, this pin requires to be externally decoupled by a capacitor,
C
4.
Internally pulled to V
SS when "Powersave" is a logical '0'.
Encoder Input : The analogue signal input. Internally biased at V
DD /2, external components
are required on this input. The source impedance should be less than 100
Ω, output idle
channel noise levels will improve with an even lower source impedance. See Fig. 3.
V
SS : Negative Supply.
FX629J
1
2
3
4
5
6
7
8
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com