Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX631P Datasheet(PDF) 2 Page - CML Microcircuits

Part # FX631P
Description  Low-Voltage SPM Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX631P Datasheet(HTML) 2 Page - CML Microcircuits

  FX631P Datasheet HTML 1Page - CML Microcircuits FX631P Datasheet HTML 2Page - CML Microcircuits FX631P Datasheet HTML 3Page - CML Microcircuits FX631P Datasheet HTML 4Page - CML Microcircuits FX631P Datasheet HTML 5Page - CML Microcircuits FX631P Datasheet HTML 6Page - CML Microcircuits FX631P Datasheet HTML 7Page - CML Microcircuits FX631P Datasheet HTML 8Page - CML Microcircuits FX631P Datasheet HTML 9Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
2.3 Pin Function Description
XTAL The input of the oscillator inverter.
XTALN The output of the oscillator inverter
CLKIN The input to the internal clock divider circuitry.
When a 3.579545MHz crystal is used, it should be connected across XTAL & XTAL and XTAL
should be directly connected to CLKIN. No other external components are necessary because
the other oscillator components (capacitor, resistor) are on chip.
When an externally available clock signal is used, it should be inserted at CLKIN. XTAL should
be tied to VDD or Vss and XTAL should be left open circuit.
SYSTEM A logic input pin which controls whether the device detects 12Khz SPM tones (logic 1)
or 16Khz SPM tones (logic 0). It has an internal 1 Mohm pull- up resistor (l 2Khz).
NEGIP The negative input, positive input and output respectively of the gain adjusting POSIP
amplifier.
AMPOP
External components are used in conjunction with the op -amp according to the required level
sensitivity and depending on whether the incoming signal is differential or common mode.
VDD The power supply, ground and filter bias pins respectively.
VSS
BIAS Voo and bias should each be de- coupled, via a 1 .0@F capacitor, to VSS.
TTFOP TRUE TONE FOLLOWER OUTPUT. This is the pin that responds and de-
responds within 4ms of a good tone appearing or disappearing.
It is thus like an envelope of the SPM tone.
· logic 0 represents ‘detect’ and logic 1 represents ‘not detect’.
DTFOP This is the output of the ‘delayed tone follower’ block.
It will respond when 40ms of good tone has been received within any 48ms window. The 48ms is
divided into 24 ‘packets’ of 2ms each (16Khz mode) or 15 ‘packets’ of 2.667ms each (12Khz
mode). Each packet represents 32 cycles of SPM frequency. The window is a shifting window,
ie. the 48ms window is assessed every 2ms (16Khz mode) or 2.667ms (12Khz). If the necessary
number of good packets are consecutive, the output will respond in the minimum time of 40ms.
· logic 0 represents ‘detect’ and logic 1 represents ‘not detect’.
Xtal/Clock:
Xtal/Clock:
Xtal/Clock:
Xtal/Clock:
Xtal/Clock: The input to the on-chip clock oscillator; for use with a 3.579545MHz Xtal in
conjunction with the Xtal output (see Figure 2); circuit components are on chip. Using this mode
of clock operation, the Clock Out pin should be connected directly to the Clock In pin. If a clock
pulse input is employed to the Clock In pin, this pin must be connected directly to V
DD (see
Figure 2).
Xtal:
Xtal:
Xtal:
Xtal:
Xtal: The output of the on-chip clock oscillator inverter.
Clock Out:
Clock Out:
Clock Out:
Clock Out:
Clock Out: A clock signal derived from the on-chip Xtal oscillator. If the on-chip oscillator is
used, this pin should be connnected directly to the Clock In pin. This output should not be used
to clock other devices.
Clock In:
Clock In:
Clock In:
Clock In:
Clock In: The 3.579545MHz clock pulse input to the internal clock-dividers. If a clock pulse
input is employed, the Xtal/Clock input (Pin 1) should be connected to V
DD. See Figure 2.
V
V
V
V
V
BIAS
BIAS
BIAS
BIAS
BIAS:
:::: The output of the on-chip analogue bias circuitry. Held internally at V
DD/2, this pin should
be decoupled to V
SS (see Figure 2).
V
V
V
V
V
SS
SS
SS
SS
SS:
:::: Negative supply rail (GND).
Signal In (+):
Signal In (+):
Signal In (+):
Signal In (+):
Signal In (+):
Signal In (-):
Signal In (-):
Signal In (-):
Signal In (-):
Signal In (-):
Amp Out:
Amp Out:
Amp Out:
Amp Out:
Amp Out:
Tone Follower Output:
Tone Follower Output:
Tone Follower Output:
Tone Follower Output:
Tone Follower Output: This output provides a logic “0” (Low) for the period of a detected tone,
and a logic “1” (High) for NOTONE detection. See Figure 7.
Packet Mode Output:
Packet Mode Output:
Packet Mode Output:
Packet Mode Output:
Packet Mode Output: A logic output that will be available after a cumulation of 40ms of 'good'
tone has been received. This packet mode tone follower will only respond when a tone
frequency of sufficient quality has been received for sufficient time, i.e. a cumulation of 40ms in
any 48ms, short tone bursts or breaks will be ignored. This output provides a logic “0” (Low) for
a detected tone and a logic “1” (High) for NOTONE detection. See Figure 7.
System:
System:
System:
System:
System: The logic input to select device operation to either 12kHz (logic “1” - High) or 16kHz
(logic “0” - Low) SPM systems. This input has an internal 1M
Ω pullup resistor (12kHz).
V
V
V
V
V
DD
DD
DD
DD
DD:
:::: Positive supply rail. A single, stable power supply is required. Critical levels and voltages
within the FX631 are dependant upon this supply. This pin should be decoupled to V
SS
by a capacitor mounted close to the pin.
Note that if this device is ‘line’ powered, the resulting supply must be stable. See notes on
Microcircuit Protection from high and spurious line voltages.
No internal connection, leave open circuit.
FX631
FX631
FX631
FX631
FX631
D5
D5
D5
D5
D5
1
1
1
1
1
4
4
4
4
4
5
5
5
5
5
6
6
6
6
6
8
8
8
8
8
12
12
12
12
12
13
13
13
13
13
17
17
17
17
17
18
18
18
18
18
19
19
19
19
19
20
20
20
20
20
21
21
21
21
21
24
24
24
24
24
2, 3, 7,
9, 10,
11, 14,
15, 16,
22, 23
Pin Number
Pin Number
Pin Number
Pin Number
Pin Number
Function
Function
Function
Function
Function
FX631
FX631
FX631
FX631
FX631
DW/P
DW/P
DW/P
DW/P
DW/P
1
1
1
1
1
2
2
2
2
2
3
3
3
3
3
4
4
4
4
4
7
7
7
7
7
8
8
8
8
8
9
9
9
9
9
10
10
10
10
10
11
11
11
11
11
13
13
13
13
13
14
14
14
14
14
15
15
15
15
15
16
16
16
16
16
5, 6,
12
The positive and negative signal inputs to, and the output from, the input gain
adjusting signal amplifier. Refer to the graph in Figure 4 for guidance on
setting level sensitivities to national specifications, and the selection of gain
adjusting components.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com