Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1082 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXCT1082
Description  PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1082 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXCT1082 Datasheet HTML 4Page - Diodes Incorporated ZXCT1082 Datasheet HTML 5Page - Diodes Incorporated ZXCT1082 Datasheet HTML 6Page - Diodes Incorporated ZXCT1082 Datasheet HTML 7Page - Diodes Incorporated ZXCT1082 Datasheet HTML 8Page - Diodes Incorporated ZXCT1082 Datasheet HTML 9Page - Diodes Incorporated ZXCT1082 Datasheet HTML 10Page - Diodes Incorporated ZXCT1082 Datasheet HTML 11Page - Diodes Incorporated ZXCT1082 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ZXCT1082/83/84/85/86/87
ZXCT1082/83/84/85/86/87
Document number: DS32162 Rev. 1 - 2
8 of 13
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics (Cont.) V
S+ = 12V, VCC = 5V VSENSE = 100mV, RGT = 5kΩ, RG = 125kΩ , TA = 25°C
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0
10
20
30405060
V
(V)
Error vs. V
CC
CC
G ain = 100
Gain = 10
Gain = 50
V
= 5V
V
= 12V
T = All Temp
R
= 5k
CC
S+
A
GT
Ω
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
1020
3040
50
60
V
= 10mV
SENSE
Gain 100
Gain 50
Gain 10
V
(V)
Error vs. V
S+
S+
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
1E+0
100E+0
10E+3
1E+6
100E+6
Frequency (Hz)
Small Signal Bandwidth vs. Frequency
Gain = 50
Gain = 10
Gain = 1
V
= 5V, V
= 12V
V
= 10mV
T = 25 C
R
= 5k
CC
S+
SENSE
A
GT
°
Ω
-20
-10
0
10
20
30
40
100E+3
1E+6
10E+6
100E+6
Frequency (Hz)
Small Signal Bandwidth vs. Frequency
Gain = 50
Gain = 10
Gain = 1
85 C
°
125 C
°
-40 C
°
25 C
°
V
= 5V, V
= 12V
V
= 10mV
T = 25 C
R
= 5k
CC
S+
SENSE
A
GT
°
Ω
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0
12
34
567
89
10
-1
0
1
2
3
4
5
6
Time ( s)
Large Signal Pulse Response
μ
VOUT
V
SENSE
V
= 5V
V
= 12V
T = 25 C
R
= 5k
CC
S+
A
GT
°
Ω
R
= 125k
G
Ω
0
0.05
0.1
0.15
0.2
0.25
0
12
3
456
78
9
10
1
2
3
4
5
6
Time ( s)
Large Signal Pulse Response
μ
VOUT
VSENSE
V
= 5V
V
= 12V
T = 25 C
R
= 5k
CC
S+
A
GT
°
Ω
R
= 125k
G
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com