Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX818D2 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX818D2
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818D2 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX818D2 Datasheet HTML 9Page - CML Microcircuits FX818D2 Datasheet HTML 10Page - CML Microcircuits FX818D2 Datasheet HTML 11Page - CML Microcircuits FX818D2 Datasheet HTML 12Page - CML Microcircuits FX818D2 Datasheet HTML 13Page - CML Microcircuits FX818D2 Datasheet HTML 14Page - CML Microcircuits FX818D2 Datasheet HTML 15Page - CML Microcircuits FX818D2 Datasheet HTML 16Page - CML Microcircuits FX818D2 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
13
D/818/4
AUDIO CONTROL Register (Hex address $8A)
This is a 16-bit register. Byte (1) is sent first. The six least significant bits of the first byte in this register are
used to set the attenuation of the Modulator 1 amplifier and the six least significant bits of the second byte in
this register are used to set the attenuation of the Modulator 2 amplifier, according to the tables below:
BYTE 1
BYTE 2
5
4
3
2
1
0
Mod. 1 Attenuation
5
4
3
2
1
0
Mod. 2 Attenuation
0
X
X
X
X
X
Disabled (VBIAS)
0
X
X
X
X
X
Disabled (VBIAS)
1
0
0
0
0
0
>40dB
1
0
0
0
0
0
>40dB
1
0
0
0
0
1
12.0dB
1
0
0
0
0
1
6.0dB
1
0
0
0
1
0
11.6dB
1
0
0
0
1
0
5.8dB
1
0
0
0
1
1
11.2dB
1
0
0
0
1
1
5.6dB
1
0
0
1
0
0
10.8dB
1
0
0
1
0
0
5.4dB
1
0
0
1
0
1
10.4dB
1
0
0
1
0
1
5.2dB
1
0
0
1
1
0
10.0dB
1
0
0
1
1
0
5.0dB
1
0
0
1
1
1
9.6dB
1
0
0
1
1
1
4.8dB
1
0
1
0
0
0
9.2dB
1
0
1
0
0
0
4.6dB
1
0
1
0
0
1
8.8dB
1
0
1
0
0
1
4.4dB
1
0
1
0
1
0
8.4dB
1
0
1
0
1
0
4.2dB
1
0
1
0
1
1
8.0dB
1
0
1
0
1
1
4.0dB
1
0
1
1
0
0
7.6dB
1
0
1
1
0
0
3.8dB
1
0
1
1
0
1
7.2dB
1
0
1
1
0
1
3.6dB
1
0
1
1
1
0
6.8dB
1
0
1
1
1
0
3.4dB
1
0
1
1
1
1
6.4dB
1
0
1
1
1
1
3.2dB
1
1
0
0
0
0
6.0dB
1
1
0
0
0
0
3.0dB
1
1
0
0
0
1
5.6dB
1
1
0
0
0
1
2.8dB
1
1
0
0
1
0
5.2dB
1
1
0
0
1
0
2.6dB
1
1
0
0
1
1
4.8dB
1
1
0
0
1
1
2.4dB
1
1
0
1
0
0
4.4dB
1
1
0
1
0
0
2.2dB
1
1
0
1
0
1
4.0dB
1
1
0
1
0
1
2.0dB
1
1
0
1
1
0
3.6dB
1
1
0
1
1
0
1.8dB
1
1
0
1
1
1
3.2dB
1
1
0
1
1
1
1.6dB
1
1
1
0
0
0
2.8dB
1
1
1
0
0
0
1.4dB
1
1
1
0
0
1
2.4dB
1
1
1
0
0
1
1.2dB
1
1
1
0
1
0
2.0dB
1
1
1
0
1
0
1.0dB
1
1
1
0
1
1
1.6dB
1
1
1
0
1
1
0.8dB
1
1
1
1
0
0
1.2dB
1
1
1
1
0
0
0.6dB
1
1
1
1
0
1
0.8dB
1
1
1
1
0
1
0.4dB
1
1
1
1
1
0
0.4dB
1
1
1
1
1
0
0.2dB
1
1
1
1
1
1
0dB
1
1
1
1
1
1
0dB
X = don't care
MOD1 ENABLE
(Bit 5, first byte)
When this bit is "1" the MOD1 attenuator is enabled.
When this bit is "0" the MOD1 attenuator is disabled (i.e. powersaved).
MOD2 ENABLE
(Bit 5, second byte)
When this bit is "1" the MOD2 attenuator and the SUMMER AMP are enabled.
When this bit is "0" they are both disabled (i.e. powersaved).
(Bits 7 and 6, first
and second bytes)
Reserved for future use. These should be set to "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com