Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX839D2 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX839D2
Description  Analogue Control Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX839D2 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX839D2 Datasheet HTML 9Page - CML Microcircuits FX839D2 Datasheet HTML 10Page - CML Microcircuits FX839D2 Datasheet HTML 11Page - CML Microcircuits FX839D2 Datasheet HTML 12Page - CML Microcircuits FX839D2 Datasheet HTML 13Page - CML Microcircuits FX839D2 Datasheet HTML 14Page - CML Microcircuits FX839D2 Datasheet HTML 15Page - CML Microcircuits FX839D2 Datasheet HTML 16Page - CML Microcircuits FX839D2 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Analogue Control Interface
FX839
© 1997 Consumer Microcircuits Limited
13
D/839/4
DAC CONTROL Register (Hex address $D3)
This register controls the resolution and the number of enabled DAC outputs:
NBIT DAC1, NBIT DAC2, NBIT DAC3
(Bit 7 to Bit 5)
These bits define the input resolutions for each of the four DACs. When 'NBIT
DAC
n' is '0' the resolution of DACn is 8-Bits.
When 'NBIT DAC
n is '1' the
resolution of DAC
n is 10-Bits.
Bit 4
Reserved for future use. This bit should be set to '0'.
DAC1 ENABLE, DAC2 ENABLE, DAC3 ENABLE
(Bit 3 to Bit 1)
These bits allow any one or more of the three DACs to be powered up. When '0'
the DAC
n is powered down and the output is high impedance. When '1' the DAC
is powered on and the output voltage is defined by the DAC Data Registers.
Bit 0
Reserved for future use. This bit should be set to '0'.
DAC1 DATA Register (Hex Address $D4)
DAC2 DATA Register (Hex Address $D5)
DAC3 DATA Register (Hex Address $D6)
The data in these three registers sets the analogue voltage at the output of DAC1, DAC2 and DAC3. This data
will consist of one or two bytes depending on the defined input resolution which is set by bits 7, 6 and 5 of the
DAC Control Register. When operating with 10-bit resolution Bit 7 to Bit 2 of the DAC
n DATA Register second
data byte must be set to "0".
ADC CONTROL Register (Hex Address $D7)
This register controls the resolution, active inputs and conversion modes of the ADC as described below:
Bit 7
Reserved for future use. This bit should be set to '0'.
Bit 6
Reserved for future use. This bit should be set to ‘1’.
(On reset, this bit is set to ‘0’).
READN
(Bit 5)
When this bit is set to '1' all active input channels are continuously sampled and
the latest converted data stored for each channel. When this bit is set to ‘0’ all
conversions are stopped so that they may be read.
ADC1 ACTIVE, ADC2 ACTIVE, ADC3 ACTIVE, ADC4 ACTIVE
(Bit 4 to Bit 1)
These bits allow any one or more of the four ADC input channels to be enabled.
When '0' the ADCIN
n input voltage is not converted. When '1' the ADCINn input
is defined as active and the input voltage is converted.
Note: ADC1 must always be enabled for any other channel to work.
(Bit 0)
Reserved for future use. This bit should be set to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com