Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX929AP4 Datasheet(PDF) 25 Page - CML Microcircuits

Part # FX929AP4
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AP4 Datasheet(HTML) 25 Page - CML Microcircuits

Back Button FX929AP4 Datasheet HTML 21Page - CML Microcircuits FX929AP4 Datasheet HTML 22Page - CML Microcircuits FX929AP4 Datasheet HTML 23Page - CML Microcircuits FX929AP4 Datasheet HTML 24Page - CML Microcircuits FX929AP4 Datasheet HTML 25Page - CML Microcircuits FX929AP4 Datasheet HTML 26Page - CML Microcircuits FX929AP4 Datasheet HTML 27Page - CML Microcircuits FX929AP4 Datasheet HTML 28Page - CML Microcircuits FX929AP4 Datasheet HTML 29Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
25
D/929A/4
Setting the PSAVE bit to '0' restores power to all of the chip circuitry. Note that the internal filters - and hence
the TxOp pin in transmit mode - will take about 20 symbol-times to settle after the PSAVE bit is taken from '1' to
'0'.
Mode Register B2: SSIEN - 'S' Symbol IRQ Enable
In receive mode, setting this bit to '1' causes the IRQ bit of the status register to be set to '1' whenever a new 'S'
symbol has been received. (The SRDY bit of the Status Register will also be set to '1' at the same time, and the
SVAL bits updated to reflect the received 'S' symbol.)
In transmit mode, setting this bit to '1' causes the IRQ bit of the Status Register to be set to '1' whenever a 'S'
symbol has been transmitted. (The SRDY bit of the Status Register will also be set to '1' at the same time.)
Mode Register B1, 0: SSYM - 'S' Symbol To Be Transmitted
In transmit mode these two bits define the next 'S' symbol to be transmitted. These bits have no effect in
receive mode.
1.5.5.5 Status Register
This register may be read by the µC to determine the current state of the modem.
Status Register B7: IRQ - Interrupt Request
This bit is set to '1' by:
The Status Register BFREE bit going from '0' to '1', unless this is caused by a RESET task or by a
change to the Mode Register TXRXN or PSAVE bits.
or
The Status Register IBEMPTY bit going from '0' to '1', unless this is caused by a RESET task or by
changing the Mode Register TXRXN or PSAVE bits.
or
The Status Register DIBOVF bit going from '0' to '1'.
or
The Status Register SRDY bit being set to '1' (due to a 'S' symbol being received or transmitted) if
the Mode Register SSIEN bit is '1'.
The IRQ bit is cleared to '0' immediately after a read of the Status Register.
If the IRQNEN bit of the Mode Register is '1', then the chip IRQN output will be pulled low (to VSS) whenever
the IRQ bit is set to '1', and will go high impedance when the Status Register is read.
Status Register B6: BFREE - Data Block Buffer Free
This bit reflects the availability of the Data Block Buffer and is cleared to '0' whenever a task other than NULL or
RESET is written to the Command Register.
In transmit mode, the BFREE bit will be set to '1' (also setting the Status Register IRQ bit to '1') by the modem
when the modem is ready for the µC to write new data to the Data Block Buffer and the next task to the
Command Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com