Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC982TM Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC982TM
Description  Printer Drive, Core Drive and LED Drive Applications Low Frequency Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC982TM Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC982TM_03 Datasheet HTML 1Page - Toshiba Semiconductor 2SC982TM_03 Datasheet HTML 2Page - Toshiba Semiconductor 2SC982TM_03 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC982TM
2003-03-25
1
TOSHIBA Transistor
Silicon NPN Epitaxial Type (PCT process) (Darlington)
2SC982TM
Printer Drive, Core Drive and LED Drive Applications
Low Frequency Amplifier Applications
· High DC current gain: hFE (1) = 5000 (min) (IC = 10 mA)
: hFE (2) = 10000 (min) (IC = 100 mA)
Equivalent Circuit
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
10
V
DC
IC
300
Collector current
Pulsed
(Note)
ICP
500
mA
Base current
IB
10
mA
Collector power dissipation
PC
400
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Note: Pulse width <
= 10 ms, duty cycle <= 10%
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 40 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 8 V, IC = 0
¾
¾
0.1
mA
hFE (1)
VCE = 5 V, IC = 10 mA
5000
¾
¾
DC current gain
hFE (2)
VCE = 2 V, IC = 100 mA
10000
¾
¾
Collector-emitter saturation voltage
VCE (sat)
IC = 300 mA, IB = 0.3 mA
¾
0.9
1.3
V
Base-emitter voltage
VBE
VCE = 2 V, IC = 100 mA
¾
1.25
1.6
V
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1B
Weight: 0.21 g (typ.)


Similar Part No. - 2SC982TM_03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC982TM TOSHIBA-2SC982TM Datasheet
134Kb / 2P
NPN EPITAXIAL TYPE (PRINTER DRIVE, CORE DRIVER AND LED DRIVE, LOW FREQUENCY AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SC982TM_03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC982TM TOSHIBA-2SC982TM Datasheet
134Kb / 2P
NPN EPITAXIAL TYPE (PRINTER DRIVE, CORE DRIVER AND LED DRIVE, LOW FREQUENCY AMPLIFIER APPLICATIONS)
2SB907 TOSHIBA-2SB907_07 Datasheet
165Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB1067 TOSHIBA-2SB1067_09 Datasheet
179Kb / 5P
Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
2SB1457 TOSHIBA-2SB1457_09 Datasheet
157Kb / 5P
Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
2SD2686 TOSHIBA-2SD2686 Datasheet
182Kb / 5P
Solenoid Drive Applications Motor Drive Applications
2SD2719 TOSHIBA-2SD2719 Datasheet
208Kb / 5P
Solenoid Drive Applications Motor Drive Applications
2SD549 TOSHIBA-2SD549 Datasheet
217Kb / 3P
PULSE MOTOR DRIVE, HAMMER DRIVE APPLICATIONS. SWITCHING APPLICATIONS. POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com