Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03604MR-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AS03604MR-R
Description  Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AS03604MR-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AS03604MR-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Speaker
AS03604MR-R
J.D.
D.F.
R.W.
11/26/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
4/18/2007
Date
5/1/2007
Date
5/1/2007
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AS03604MR-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
4/18/2007
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
11/26/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
1
W
MAX INPUT POWER
1.5
W
IMPEDANCE
4 ± 15%
OHM
OUTPUT SPL @ 1W/0.5M
(AT 1.0 kHz)
83 ± 3
dBA
DISTORTION (MAX.)
5%
-
RESONANT FREQUENCY
600 ± 20%
Hz
FREQUENCY RANGE
600 ~ 4500
Hz
HOUSING MATERIAL
METAL
-
CONE MATERIAL
MYLAR
-
MAGNET MATERIAL
Nd-Fe-B
-
OPERATING TEMPERATURE
-25 ~ +100
°C
WEIGHT
5.2
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
36
n`0.2
n16.7
31.8
n
1.5
`0.2
4
`0.2


Similar Part No. - AS03604MR-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS03604MR-N50-R PUIAUDIO-AS03604MR-N50-R Datasheet
806Kb / 5P
Black poly cone and rubber surround
More results

Similar Description - AS03604MR-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com