Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2873 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2873
Description  Power Amplifier Applications Power Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2873 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2873 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2873 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2873 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2873 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2873 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC2873
2004-07-07
3
VBE (sat) – IC
VCE (sat) – IC
VCE – IC
hFE – IC
Collector current IC (A)
VCE – IC
VCE – IC
Collector current IC (A)
Collector current IC (mA)
Collector current IC (A)
Collector current IC (mA)
Collector current IC (mA)
2.0
1.6
1.2
0.8
0.4
0
0
0.4
0.8
1.2
1.6
30
IB = 5 mA
40
20
10
Common emitter
Ta
= 25°C
2.0
1.6
1.2
0.8
0.4
0
0
0.4
0.8
1.2
1.6
10
IB = 5 mA
20
30
50
Common emitter
Ta
= −55°C
40
10
100
100
30
30
50
Common emitter
VCE = 2 V
10
300
1000
300
Ta
= 100°C
−55
3000
500
1000
25
10
0.1
100
30
0.03
0.05
Common emitter
IC/IB = 20
0.01
300
1000
0.3
Ta
= 100°C
−55
3000
0.5
1
25
10
100
3000
30
0.3
0.1
300
1000
1
5
10
3
0.5
Ta
= −55°C
25
100
Common emitter
IC/IB = 20
50
2.0
1.6
1.2
0.8
0.4
0
0
0.4
0.8
1.2
1.6
40
30
20
10
5
IB = 3 mA
Common emitter
Ta
= 100°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com