Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2882 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2882
Description  Power Amplifier Applications Voltage Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2882 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2882 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2882 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2882 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2882 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC2882
2004-07-07
3
Ambient temperature Ta (°C)
PC – Ta
0
0
0.8
0.2
0.4
0.6
20
40
60
80
100
120
140
160
1.2
1.0
(1)
(2)
(1) Mounted on a ceramic
substrate (250 mm
2 × 0.8 t)
(2) No heat sink
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Safe Operating Area
10
6
4
2
0
0
100
200
300
400
2
IB = 0.5 mA
Common emitter
Ta
= 25°C
3
5
1
0
8
1.0
0
0.2
0.4
0.6
0.8
1.2
Common emitter
VCE = 2 V
Ta
= 100°C
500
400
300
200
100
0
−25
25
1000
300
100
50
30
10
500
3
10
30
100
300
1
Common emitter
VCE = 2 V
Ta
= 100°C
25
−25
100
10
1
0.03
30
300
0.05
0.1
0.3
0.5
1
3
Ta
= 100°C
−25
Common emitter
IC/IB = 10
25
500
1
10
50
2000
1000
300
100
30
3
5
0.5
3
1
10
100
30
300
DC operation Ta
= 25°C
IC max (pulse)*
IC max (continuous)
100 ms*
1 ms*
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
Tested without a substrate.
VCEO max
10 ms*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com