Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3074 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3074
Description  High Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3074 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3074 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3074 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3074 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3074 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3074 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3074
2005-02-01
3
VCE – IC
VCE – IC
IC – VCE
VCE – IC
Collector-emitter voltage VCE (V)
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
0
0
Common emitter
Tc = 100°C
90
10
100
80
70
60
50
40
30
20
0
8
6
4
2
2
4
6
8
12
10
IB = 10 mA
1.2
0
0
Common emitter
Tc = 25°C
1.0
0.8
0.6
0.4
0.2
1
2
3
4
5
6
7
150
100
80
500
60
300
40
200
20
IB = 10 mA
Common emitter
Tc = 100°C
150
100
80
500
60
120
40
200
20
IB = 10 mA
0
1.0
0.8
0.6
0.4
0.2
0
1
2
3
4
5
6
7
Common emitter
Tc = −55°C
120
160
500
300
40
200
250
IB = 20 mA
1.2
0
1.0
0.8
0.6
0.4
0.2
0
1
2
3
4
5
6
7
hFE – IC
VCE (sat) – IC
25
Tc = 100°C
Common emitter
VCE = 1 V
−55
1000
100
300
500
10
30
50
0.03
0.1
0.3
1
3
10
Common emitter
IC/IB = 20
25
Tc = −55°C
100
1
0.1
0.3
0.5
0.01
0.03
0.05
0.03
0.1
0.3
1
3
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com