Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3138 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3138
Description  High Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3138 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3138 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3138 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3138 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3138 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3138 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3138
2003-03-27
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 200 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
Collector-base breakdown voltage
V (BR) CBO
IC = 0.1 mA, IE = 0
200
¾
¾
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
200
¾
¾
V
DC current gain
hFE
(Note)
VCE = 3 V, IC = 10 mA
70
¾
240
Collector-emitter saturation voltage
VCE (sat)
IC = 10 mA, IB = 1 mA
¾
0.1
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 10 mA, IB = 1 mA
¾
0.75
1.5
V
Transition frequency
fT
VCE = 10 V, IC = 2 mA
50
100
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
2
4
pF
Turn-on time
ton
¾
0.3
¾
Storage time
tstg
¾
2
¾
Switching time
Fall time
tf
VCC = 50 V, IC = 6 mA,
IB1 = -IB2 = 0.6 mA,
pulse width
= 5 ms, duty cycle <= 2%
¾
0.4
¾
ms
Note: hFE classification O: 70~140, Y: 120~240



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com