Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3267 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3267
Description  Power Amplifier Applications Power Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3267 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3267 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3267 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3267 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC3267
2003-03-25
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC3267
Power Amplifier Applications
Power Switching Applications
· Low saturation voltage: VCE (sat) = 0.5 V (max) @IC = 2 A
· Complementary to 2SA1297
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
2
A
Base current
IB
0.5
A
Collector power dissipation
PC
400
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 20 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
¾
¾
0.1
mA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
20
¾
¾
V
Emitter-base breakdown voltage
V (BR) EBO
IE = 0.1 mA, IC = 0
6
¾
¾
V
hFE (1)
(Note)
VCE = 2 V, IC = 100 mA
120
¾
700
DC current gain
hFE (2)
VCE = 2 V, IC = 2 A
75
¾
¾
Collector-emitter saturation voltage
VCE (sat)
IC = 2 A, IB = 0.1 A
¾
¾
0.5
V
Base-emitter voltage
VBE
VCE = 2 V, IC = 0.1 A
¾
¾
0.85
V
Transition frequency
fT
VCE = 2 V, IC = 0.5 A
¾
120
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
30
¾
pF
Note: hFE (1) classification Y: 120~240, GR: 200~400, BL: 350~700
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-4E1A
Weight: 0.13 g (typ.)


Similar Part No. - 2SC3267

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3267 TOSHIBA-2SC3267 Datasheet
151Kb / 2P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWICHING APPLICATIONS)
2SC3267 TOSHIBA-2SC3267 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
More results

Similar Description - 2SC3267

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1315 TOSHIBA-2SA1315_07 Datasheet
155Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com