Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1802 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH1802
Description  MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1802 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH1802 Datasheet HTML 1Page - Diodes Incorporated AH1802 Datasheet HTML 2Page - Diodes Incorporated AH1802 Datasheet HTML 3Page - Diodes Incorporated AH1802 Datasheet HTML 4Page - Diodes Incorporated AH1802 Datasheet HTML 5Page - Diodes Incorporated AH1802 Datasheet HTML 6Page - Diodes Incorporated AH1802 Datasheet HTML 7Page - Diodes Incorporated AH1802 Datasheet HTML 8Page - Diodes Incorporated AH1802 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AH1802
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
HALL-EFFECT SENSOR SWITCH
AH1802
Document number: 31170 Rev. 8 - 2
3 of 11
www.diodes.com
December 2010
© Diodes Incorporated
Absolute Maximum Ratings (TA = 25°C)
Symbol
Characteristics
Values
Unit
Vdd
Supply Voltage
7
V
B
Magnetic Flux Density
Unlimited
Ts
Storage Temperature Range
-65 to +150
°C
PD
Package Power Dissipation
230
mW
TJ
Maximum Junction Temperature
150
°C
Recommended Operating Conditions (TA = 25°C)
Symbol
Parameter
Conditions
Rating
Unit
Vdd
Supply Voltage
Operating
2.5 to 5.5
V
TA
Operating Temperature Range
Operating
-40 to +85
°C
Electrical Characteristics (TA = 25°C, Vdd = 3V; unless otherwise specified)
Symbol
Characteristic
Conditions
Min
Typ.
Max
Unit
Vout
Output On Voltage
Iout=1mA
-
0.1
0.3
V
Ioff
Output Leakage Current
Vout=5.5V, B < Brp
-
<
0.1
1
µA
Idd(en)
Supply Current
Chip enable, TA= 25°C, Vdd = 3V
-
3
6
mA
Chip enable, TA= -40~85°C,
Vdd = 2.5~5.5V
-
3
10
mA
Idd(dis)
Chip disable, TA= 25°C, Vdd = 3V
-
5
10
µA
Chip disable, TA= -40~85°C,
Vdd = 2.5~5.5V
-
5
18
µA
Idd(avg)
Average supply current ,
TA= 25°C, Vdd = 3V
-
8
16
µA
Average supply current ,
TA= -40~85°C, Vdd = 2.5~5.5V
-
8
23
µA
FC
Chopping Frequency
For design information only
-
300
-
KHz
Tawake
Awake Time
(Note 3)
-
75
150
µs
Tperiod
Period
(Note 3)
-
75
150
ms
D.C.
Duty Cycle
-
0.1
-
%
Notes:
3. When power is initially turned on, Vdd must be within its correct operating range (2.5V to 5.5V) to guaranteed the output sampling.
The output state is valid after the second operating cycle (typical 150ms).
Idd (dis)
Idd(en)
Tawake
Tperiod
0
Sample and output
latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com