Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3333 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3333
Description  High Voltage Switching Applications Color TV Chroma Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3333 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3333_03 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3333_03 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3333_03 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3333_03 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3333
2003-03-25
1
TOSHIBA Transistor
Silicon NPN Triple Diffused Type (PCT process)
2SC3333
High Voltage Switching Applications
Color TV Chroma Output Applications
· High voltage: VCEO = 250 V
· Low Cre: 1.8 pF (max)
· Complementary to 2SA1320
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
250
V
Collector-emitter voltage
VCEO
250
V
Emitter-base voltage
VEBO
5
V
DC
IC
50
Collector current
Pulsed
ICP
100
mA
Base current
IB
20
mA
Collector power dissipation
PC
0.6
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 200 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
250
¾
¾
V
DC current gain
hFE
VCE = 20 V, IC = 25 mA
50
¾
¾
Collector-emitter saturation voltage
VCE (sat)
IC = 10 mA, IB = 1 mA
¾
¾
1.5
V
Base-emitter voltage
VBE
VCE = 20 V, IC = 25 mA
¾
0.75
¾
V
Transition frequency
fT
VCE = 10 V, IC = 10 mA
60
100
¾
MHz
Reverse transfer capacitance
Cre
VCB = 30 V, IE = 0, f = 1 MHz
¾
¾
1.8
pF
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1B
Weight: 0.21 g (typ.)


Similar Part No. - 2SC3333_03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3333 TOSHIBA-2SC3333 Datasheet
180Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
More results

Similar Description - 2SC3333_03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1320 TOSHIBA-2SA1320 Datasheet
193Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SA1321 TOSHIBA-2SA1321 Datasheet
193Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC2482 TOSHIBA-2SC2482 Datasheet
188Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING AND, COLOR TV HORIZ. DRIVER, CHROMA OUTPUT APPLICATIONS)
2SC3333 TOSHIBA-2SC3333 Datasheet
180Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3334 TOSHIBA-2SC3334 Datasheet
190Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
logo
Sanyo Semicon Device
2SC4218 SANYO-2SC4218 Datasheet
127Kb / 3P
Color TV Chroma Output, High-Voltage Driver Applications
logo
Toshiba Semiconductor
2SA1320 TOSHIBA-2SA1320_07 Datasheet
543Kb / 4P
High Voltage Switching Applications Color TV Chroma Output Applications
2SC3620 TOSHIBA-2SC3620_04 Datasheet
142Kb / 4P
Color TV Horizontal Driver Applications Color TV Chroma Output Applications
2SC2456 TOSHIBA-2SC2456 Datasheet
214Kb / 3P
COLOR TV HOR I ZONTAL DRIVER APPLICATIONS.. COLOR TV CHROMA OUTPUT APPLICATIONS
2SC3335 TOSHIBA-2SC3335 Datasheet
252Kb / 3P
HIGH VOLTAGE SWITCHING APPLICATIONS. COLOR TV CHROMA OUTPUT APPLICATIONS.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com