Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3419 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3419
Description  Medium-Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3419 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3419 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3419 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3419 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3419 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3419
2004-07-07
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Ambient temperature Ta (°C)
PC – Ta
Safe Operating Area
Collector-emitter voltage VCE (V)
1.0
0
0
Common
emitter
Tc = 25°C
1000
600
3
4
6
5
10
6
4
12
20
IB = 2 mA
0
8
2
1
200
400
800
−25
Common emitter
IC/IB = 10
3
0.01
0.05
0.1
30
100
Tc = 100°C
25
1000
300
10
0.03
0.3
0.5
(1) Tc = Ta Infinite heat sink
(2) No heat sink
0
80
120
200
160
40
8
0
4
2
6
(1)
(2)
25
10
300
Common emitter
VCE = 2 V
10
30
50
100
1000
30
100
1000
Tc = 100°C
−25
300
3
500
−25
Common emitter
VCE = 2 V
1000
400
600
800
Tc = 100°C
25
200
0.2
0.4
0.8
1.2
1.0
0.6
0
0
0.3
1
3
10
30
20
50
300
500
1000
*: Single nonrepetitive
pulse Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
100
3000
100
IC max (pulsed)*
IC max (continuous)*
DC operation
Ta = 25°C
VCEO max
1 ms*
10 ms*
100 ms*
DC operation
Tc = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com