Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP78L12 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP78L12
Description  AP78LXX SERIES 3-TERMINAL POSITIVE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP78L12 Datasheet HTML 1Page - Diodes Incorporated AP78L12 Datasheet HTML 2Page - Diodes Incorporated AP78L12 Datasheet HTML 3Page - Diodes Incorporated AP78L12 Datasheet HTML 4Page - Diodes Incorporated AP78L12 Datasheet HTML 5Page - Diodes Incorporated AP78L12 Datasheet HTML 6Page - Diodes Incorporated AP78L12 Datasheet HTML 7Page - Diodes Incorporated AP78L12 Datasheet HTML 8Page - Diodes Incorporated AP78L12 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE
REGULATORS
AP78L05/08/12 Rev. 9
4 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
AP78LXX Electrical Characteristics
(All Output Voltage Versions)
Limits in standard typeface are for TA = 25
℃, Bold typeface applies over T
J = -20
℃ to 125℃ for TO92-3L, SOT89-3L and SOP-8L
Packages. Unless otherwise specified: IO = 40mA, CI = 0.33μF, CO = 0.1μF.
AP78L05
Unless otherwise specified, VIN = 10V
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VO
Output Voltage
4.8
5
5.2
V
7V
≤ V
IN ≤ 20V
1mA
≤ I
O ≤ 40mA
4.75
5.25
1mA
≤ I
O ≤ 70mA
4.75
5.25
ΔV
O
Line Regulation
7V
≤ V
IN ≤ 20V
18
75
mV
8V
≤ V
IN ≤ 20V
10
54
ΔV
O
Load Regulation
1mA
≤ I
O ≤ 100mA
20
60
mV
1mA
≤I
O≤40mA
5
30
IQ
Quiescent Current
3
5
mA
ΔI
Q
Quiescent Current Change
8V
≤ V
IN ≤ 20V
1.0
1mA
≤ I
O ≤ 40mA
0.1
Vn
Output Noise Voltage
f = 10Hz to 100kHz
(Note 5)
-
40
μV
ΔV
IN/ΔVOUT Ripple Rejection
f = 120Hz
8V
≤ V
IN ≤ 16V
47
62
dB
IPK
Peak Output Current
140
mA
ΔV
O/ΔT
Average Output Voltage
Tempco
IO = 5mA
-0.65
mV/
oC
VIN(Min)
Minimum Value of Input
Voltage Required to
Maintain Line Regulation
6.7
7
V
θ
JA
Thermal Resistance
Junction to Ambient
TO92-3L (Note 6)
176
oC/W
SOP-8L (Note 7)
153
SOT89-3L (Note 8)
145
θ
JC
Thermal Resistance
Junction to Case
TO92-3L (Note 6)
33
SOP-8L (Note 7)
18
SOT89-3L (Note 8)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com