Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP331AWG-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP331AWG-7
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP331AWG-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP331AWG-7 Datasheet HTML 1Page - Diodes Incorporated AP331AWG-7 Datasheet HTML 2Page - Diodes Incorporated AP331AWG-7 Datasheet HTML 3Page - Diodes Incorporated AP331AWG-7 Datasheet HTML 4Page - Diodes Incorporated AP331AWG-7 Datasheet HTML 5Page - Diodes Incorporated AP331AWG-7 Datasheet HTML 6Page - Diodes Incorporated AP331AWG-7 Datasheet HTML 7Page - Diodes Incorporated AP331AWG-7 Datasheet HTML 8Page - Diodes Incorporated AP331AWG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP331A
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
5 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Application Information
The AP331A is high gain, wide bandwidth devices, like most comparators, can easily oscillate if the output lead is inadvertently
allowed to capacitively couple to the inputs via stray capacitance. This shows up only during the output voltage transition intervals as the
comparator change states. Power supply bypassing is not required to solve this problem. Standard PC board layout is helpful as it
reduces stray input-output coupling. Reducing the input resistors to < 10k
Ω reduces the feedback signal levels and finally, adding even a
small amount (1.0 to 10 mV) of positive feedback (hysteresis) causes such a rapid transition that oscillations due to stray feedback are
not possible. Simply socketing the IC and attaching resistors to the pins will cause input-output oscillations during the small transition
intervals unless hysteresis is used. If the input signal is a pulse waveform, with relatively fast rise and fall times, hysteresis is not required.
All input pins of any unused comparators should be tied to the negative supply.
The bias network of the AP331A establishes a drain current independent of the magnitude of the power supply voltage over the
range of from 2.0 VDC to 30 VDC. It is usually unnecessary to use a bypass capacitor across the power supply line.
The differential input voltage may be larger than V+ without damaging the device (Note 10). Protection should be provided to
prevent the input voltages from going negative more than -0.3 VDC (at 25°C). An input clamp diode can be used as shown in the
applications section.
The output of the AP331A is the uncommitted collector of a grounded-emitter NPN output transistor. Many collectors can be tied
together to provide an output OR’ing function. An output pull-up resistor can be connected to any available power supply voltage within
the permitted supply voltage range and there is no restriction on this voltage due to the magnitude of the voltage applied to the
V
+ terminal of the AP331A package. The output can also be used as a simple SPST switch to ground (when a pull-up resistor is not used).
The amount of current the output device can sink is limited by the drive available (which is independent of V
+) and the β of this device.
When the maximum current limit is reached (approximately 16mA), the output transistor will come out of saturation and the output voltage
will rise very rapidly. The output saturation voltage is limited by the approximately 60
Ω rSAT of the output transistor. The low offset voltage
of the output transistor (1.0 mV) allows the output to clamp essentially to ground level for small load currents.
Typical Circuit
( VCC = 5.0VDC )
VO
3.0K
V+
+VIN
+VREF
+
-
+
-
+5.0VDC
100K
1/4 MM54CXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com