Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP358 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP358_10 Datasheet HTML 5Page - Diodes Incorporated AP358_10 Datasheet HTML 6Page - Diodes Incorporated AP358_10 Datasheet HTML 7Page - Diodes Incorporated AP358_10 Datasheet HTML 8Page - Diodes Incorporated AP358_10 Datasheet HTML 9Page - Diodes Incorporated AP358_10 Datasheet HTML 10Page - Diodes Incorporated AP358_10 Datasheet HTML 11Page - Diodes Incorporated AP358_10 Datasheet HTML 12Page - Diodes Incorporated AP358_10 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
9 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Electrical Characteristics (TA = 25
oC, V+ = +5.0V, unless otherwise stated) (Note 5)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VIO
Input Offset Voltage
TA = 25
oC, (Note 6)
-
2
7
mV
IB
Input Bias Current
IIN(+) or IIN(−), TA = 25°C,
VCM = 0V, (Note 7)
-
45
250
nA
IIO
Input Offset Current
IIN(+) - IIN(−),VCM = 0V,
TA = 25°C
-
5
50
nA
VICM
Input Common-Mode Voltage Range
V
+ = 30V, (Note 8)
TA = 25°C
0
-
V
+ -1.5
V
IS
Supply Current
Over Full Temperature Range
RL = ∞ on
All Op
Amps
V
+ = 30V
-
1
2
mA
V
+ = 5V
-
0.5
1.2
AV
Large Signal Voltage Gain
V
+ = 15V, T
A = 25°C,
RL > 2kΩ,
(For VO = 1V to 11V)
25
100
-
V/mV
CMRR
Common-Mode Rejection Ratio
TA = 25°C, VCM = 0V to
V
+ -1.5V
65
85
-
dB
PSRR
Power Supply Rejection Ratio
V
+ = 5V to 30V,
TA = 25°C
65
100
-
dB
Amplifier-to-Amplifier Coupling
f = 1KHz to 20 KHz,
TA = 25°C
(Input Referred),
(Note 9)
-
-120
-
dB
Notes:
5. The AP358 temperature specifications are limited to 0°C < TA < +70°C.
6. VO ≅ 1.4V, RS = 0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ -1.5V) at 25°C.
7. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of
the state of the output so no loading change exists on the input lines.
8. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at25°C).
The upper end of the common-mode voltage range is V
+ -1.5V (at 25°C), but either or both inputs can go to +32V without
damage, independent of the magnitude of V
+.
9. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these
external parts. This typically can be detected as this type of capacitance increases at higher frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com