Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS07108PO-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AS07108PO-R
Description  Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AS07108PO-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AS07108PO-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Speaker
AS07108PO-R
J.D.
E.P.
B.R.
10/9/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
5/15/2006
Date
5/15/2006
Date
5/15/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AS07108PO-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
5/15/2006
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
10/09/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
3
W
MAX INPUT POWER
5
W
IMPEDANCE
8 ± 15%
OHM
OUTPUT SPL @ 1W/1M
(AT 0.8, 1.0, 1.2, 1.5 kHz)
86 ± 3
dBA
DISTORTION (MAX.)
5%
-
RESONANT FREQUENCY
250 ± 70%
Hz
FREQUENCY RANGE
100 ~ 20,000
Hz
HOUSING MATERIAL
METAL
-
CONE MATERIAL
PAPER
-
MAGNET MATERIAL
Nd-Fe-B
-
OPERATING TEMPERATURE
-20 ~ +60
°C
WEIGHT
38
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY
TO PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
71
63.1
33.3
41
3.7
n`0.3 (4)
2.8
`0.3
25
`1
n22


Similar Part No. - AS07108PO-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS07108PO-R PUIAUDIO-AS07108PO-R Datasheet
284Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AS07108PO-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com