Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP393_10 Datasheet HTML 7Page - Diodes Incorporated AP393_10 Datasheet HTML 8Page - Diodes Incorporated AP393_10 Datasheet HTML 9Page - Diodes Incorporated AP393_10 Datasheet HTML 10Page - Diodes Incorporated AP393_10 Datasheet HTML 11Page - Diodes Incorporated AP393_10 Datasheet HTML 12Page - Diodes Incorporated AP393_10 Datasheet HTML 13Page - Diodes Incorporated AP393_10 Datasheet HTML 14Page - Diodes Incorporated AP393_10 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393
Document number: DS31006 Rev. 8 - 2
13 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Lead-free
Lead-free
Ordering Information
Package
Packing
Lead Free
L : Lead Free
S : SOP-8L
N : PDIP-8L
G : Green
U : Tube
13 : Tape & Reel
AP 3 9 3 X X - X
Device
Package
Code
Packaging
(Note 11)
Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP393SL-13
S
SOP-8L
NA
NA
2500/Tape & Reel
-13
AP393SG-13
S
SOP-8L
NA
NA
2500/Tape & Reel
-13
AP393NL-U
N
PDIP-8L
60
-U
NA
NA
AP393NG-U
N
PDIP-8L
60
-U
NA
NA
Notes:
11. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1) SOP-8L
AP393
(Top View)
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
87
65
1
2
34
represents 52 and 53 week
L : Lead Free
(2) PDIP-8L
AP393
(Top View)
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
87
65
1
2
34
represents 52 and 53 week
L : Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com