Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393A Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP393A
Description  LOW POWER LOW OFFSET VOLTAGE DUAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393A Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP393A Datasheet HTML 7Page - Diodes Incorporated AP393A Datasheet HTML 8Page - Diodes Incorporated AP393A Datasheet HTML 9Page - Diodes Incorporated AP393A Datasheet HTML 10Page - Diodes Incorporated AP393A Datasheet HTML 11Page - Diodes Incorporated AP393A Datasheet HTML 12Page - Diodes Incorporated AP393A Datasheet HTML 13Page - Diodes Incorporated AP393A Datasheet HTML 14Page - Diodes Incorporated AP393A Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP393A
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393A Rev. 7
11 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Split-Supply Applications
( V
+ = +15V
DC and V
- = -15 V
DC )
+
-
+
-
+
-
2.4K
2.4K
φ A
φ B
2K
8.2K
3.9K
2K
V
+
10K
51K
51K
5.1K
50pF
V
-
6.8K
MOS Clock Driver
1/2 AP393A
1/2 AP393A
1/2 AP393A
1/2 AP393A
Zero Crossing Detector
+
-
VIN
+
V
-
5.1K
1/2 AP393A
V
+
VO
+
-
VIN
+
V
5.1K
1/2 AP393A
V
+
VO
-5 VDC
Comparator With a
Negative Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com