Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP431 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP431 Datasheet HTML 6Page - Diodes Incorporated AP431 Datasheet HTML 7Page - Diodes Incorporated AP431 Datasheet HTML 8Page - Diodes Incorporated AP431 Datasheet HTML 9Page - Diodes Incorporated AP431 Datasheet HTML 10Page - Diodes Incorporated AP431 Datasheet HTML 11Page - Diodes Incorporated AP431 Datasheet HTML 12Page - Diodes Incorporated AP431 Datasheet HTML 13Page - Diodes Incorporated AP431 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A
Document number: DS31002 Rev. 15 - 2
10 of 16
www.diodes.com
June 2010
© Diodes Incorporated
Lead-free
Lead-free
Lead-free
Lead-free
Lead-free
Ordering Information
AP431 X XX X - X
Reference Voltage
Package
Tolerance
Blank : +/- 1%
A : +/- 0.5%
Packing
Blank : SOP-8L
Y : SOT89-3L
V : TO92-3L
SA : SOT23
W : SC59
R : SC59R
Q : SOT25
Lead Free
L : Lead Free
G : Green (Note 6)
7/13 : Tape & Reel
A : Ammo Box (Note 7)
SR : SOT23R
Device
(Note 8)
Package
Code
Packaging
(Note 9)
7”/13 Tape and Reel
Ammo Box
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP431(A)SAG-7
SA
SOT23
3000/Tape & Reel
-7
NA
NA
AP431(A)SRG-7
SR
SOT23R
3000/Tape & Reel
-7
NA
NA
AP431(A)QL-7
Q
SOT25
3000/Tape & Reel
-7
NA
NA
AP431(A)QG-7
Q
SOT25
3000/Tape & Reel
-7
NA
NA
AP431(A)WL-7
W
SC59
3000/Tape & Reel
-7
NA
NA
AP431(A)WG-7
W
SC59
3000/Tape & Reel
-7
NA
NA
AP431(A)RL-7
R
SC59R
3000/Tape & Reel
-7
NA
NA
AP431(A)RG-7
R
SC59R
3000/Tape & Reel
-7
NA
NA
AP431(A)G-13
SOP-8L
2500/Tape & Reel
-13
NA
NA
AP431(A)YL-13
Y
SOT89-3L
2500/Tape & Reel
-13
NA
NA
AP431(A)YG-13
Y
SOT89-3L
2500/Tape & Reel
-13
NA
NA
AP431(A)VL-A
V
TO92-3L
NA
NA
2000/Box
NA
AP431(A)VG-A
V
TO92-3L
NA
NA
2000/Box
NA
Notes:
6. SOP-8L, SOT23 and SOT23R are available in “Green” products only.
7. Ammo Box is for TO92-3L Spread Lead.
8. Suffix “A” denotes AP431A device.
9. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com