Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1084 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1084
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1084 Datasheet HTML 1Page - Diodes Incorporated AP1084 Datasheet HTML 2Page - Diodes Incorporated AP1084 Datasheet HTML 3Page - Diodes Incorporated AP1084 Datasheet HTML 4Page - Diodes Incorporated AP1084 Datasheet HTML 5Page - Diodes Incorporated AP1084 Datasheet HTML 6Page - Diodes Incorporated AP1084 Datasheet HTML 7Page - Diodes Incorporated AP1084 Datasheet HTML 8Page - Diodes Incorporated AP1084 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 9
5 of 11
JANUARY 2010
DS31070
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Under Operating Conditions)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VREF
Reference
Voltage
Io = 10mA, TA = 25
oC, (V
IN-VOUT) = 1.5V
1.225
1.250
1.275
V
Line
Regulation
AP1084-XXX IO = 10mA, VOUT+1.5V<VIN<12V, TA = 25
oC
0.2
%
AP1084-1.5
IOUT = 10mA, TA = 25
oC, 3V≦V
IN≦12V
1.470
1.500
1.530
V
AP1084-1.8
IOUT = 10mA, TA = 25
oC, 3.3V≦V
IN≦12V
1.764
1.800
1.836
V
AP1084-2.5
IOUT = 10mA, TA = 25
oC, 4V≦V
IN≦12V
2.450
2.500
2.550
V
AP1084-3.3
IOUT = 10mA, TA = 25
oC, 4.8V≦V
IN≦12V
3.235
3.300
3.365
V
AP1084-5.0
IOUT = 10mA, TA = 25
oC, 6.5V≦V
IN≦12V
4.900
5.000
5.100
V
Load
Regulation
AP1084-Adj
VIN = 3.3V, 0mA<Io<5A, TA = 25
oC
1
%
AP1084-1.5
VIN = 3V, 0mA<Io<5A, TA = 25
oC
(Note 3, 4)
12
15
mV
AP1084-1.8
VIN = 3.3V, 0mA<Io<5A
TA = 25
oC (Note 3, 4)
15
18
mV
AP1084-2.5
VIN = 4V, 0mA < Io < 5A
TA = 25
oC (Note 3, 4)
20
25
mV
AP1084-3.3
VIN = 5V, 0mA < Io < 5A, TA = 25
oC (Note 3, 4)
26
33
mV
AP1084-5.0
VIN = 8V, 0mA < Io < 5A, TA = 25
oC
(Note 3, 4)
40
50
mV
ΔVo
Dropout
Voltage
Io = 5.0A (ΔVOUT = 1% VOUT)
1.3
1.4
V
Current Limit
VIN-VOUT = 5V
5.1
A
Minimum Load
Current
5
10
mA
Temperature
Stability
Io = 10mA
0.5
%
TSD
Thermal
Shutdown
Temperature
150
OC
θ
JA
Thermal
Resistance
Junction-to-
Ambient
(Note 5)
TO220-3L
78
OC/W
TO252-3L
73
TO263-3L
60
θ
JC
Thermal
Resistance
Junction-to-
Case (Note 5)
TO220-3L:Control Circuitry/Power Transistor
3.5
OC/W
TO252-3L:Control Circuitry/Power Transistor
12
TO263-3L:Control Circuitry/Power Transistor
3.5
Notes:
3. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
4. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference
between input and output and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
5. Test conditions for TO220-3L, TO252-3L and TO263-3L: Devices mounted on FR-4 substrate, single sided PC board, 2oz copper, with minimum
recommended pay layout, no air flow. The case point of
θ
JC is located on the thermal tab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com