Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1122 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1122
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1122_10 Datasheet HTML 1Page - Diodes Incorporated AP1122_10 Datasheet HTML 2Page - Diodes Incorporated AP1122_10 Datasheet HTML 3Page - Diodes Incorporated AP1122_10 Datasheet HTML 4Page - Diodes Incorporated AP1122_10 Datasheet HTML 5Page - Diodes Incorporated AP1122_10 Datasheet HTML 6Page - Diodes Incorporated AP1122_10 Datasheet HTML 7Page - Diodes Incorporated AP1122_10 Datasheet HTML 8Page - Diodes Incorporated AP1122_10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122
Document number: DS31012 Rev. 9 - 2
2 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Typical Application Circuit
C2
100uF
2.5V
1.2V/1A
Tab is VOUT
VIN
VOUT
GND
C1
100uF
Pin Descriptions
Pin Name
I/O
Pin #
Description
GND
I
1
Ground Pin
VOUT
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15
Ω ≤ ESR ≤ 20Ω)
must be connected from this pin to ground to insure stability.
VIN
I
3
The input pin of regulator. Typically a large storage capacitor is connected from
this pin to ground to insure that the input voltage does not sag below the
minimum dropout voltage during the load transient response.
Functional Block Diagram
3
Thermal
Shutdown
1
2
VOUT
GND
1.2V
+
+
CURRENT
LIMIT
VIN
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com